Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 21 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 17Page - Analog Devices HMC1197LP7FE Datasheet HTML 18Page - Analog Devices HMC1197LP7FE Datasheet HTML 19Page - Analog Devices HMC1197LP7FE Datasheet HTML 20Page - Analog Devices HMC1197LP7FE Datasheet HTML 21Page - Analog Devices HMC1197LP7FE Datasheet HTML 22Page - Analog Devices HMC1197LP7FE Datasheet HTML 23Page - Analog Devices HMC1197LP7FE Datasheet HTML 24Page - Analog Devices HMC1197LP7FE Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
21
3. VCO Divide Ratio and Gain Register
•
Reg 16h[5:0] is required to change the VCO Output Divider value if needed.
•
Reg 16h[10:6] is required to change the Output Gain if needed.
4. The fractional register, Reg 04h. The fractional register write triggers AutoCal if Reg 0Ah[11]=0, and
is loaded into the Delta Sigma modulator automatically after AutoCal runs. If AutoCal is disabled, Reg
0Ah[11]=1, the fractional frequency change is loaded into the Delta Sigma modulator immediately
when the register is written with no adjustment to the VCO.
Small steps in frequency in fractional mode, with AutoCal enabled (Reg 0Ah[11]=0), usually only require a
single write to the fractional register. Worst case, 3 Main Serial Port transfers to the HMC1197LP7FE could
be required to change frequencies in fractional mode. If the frequency step is small and the integer part of
the frequency does not change, then the integer register is not changed. In all cases, in fractional mode, it
is necessary to write to the fractional register Reg 04h for frequency changes.
1.2.3
registers required for Frequency changes in integer Mode
A change of frequency, in integer mode (Reg 06h[11]=0), requires Main Serial Port writes to:
1. VCO register
•
Reg 15h only required for manual control of VCO if Reg 0Ah[11]=1 (AutoCal disabled)
•
Reg 16h is required to change the VCO Output Divider value if needed
2. The integer register Reg 03h.
•
In integer mode, an integer register write triggers AutoCal if Reg 0Ah[11]=0, and is loaded into
the prescaler automatically after AutoCal runs. If AutoCal is disabled, Reg 0Ah[11]=1, the integer
frequency change is loaded into the prescaler immediately when written with no adjustment
to the VCO. Normally changes to the integer register cause large steps in the VCO frequency,
hence the VCO switch settings must be adjusted. AutoCal enabled is the recommended method
for integer mode frequency changes. If AutoCal is disabled (Reg 0Ah[11]=1), a prior knowledge of
the correct VCO switch setting and the corresponding adjustment to the VCO is required before
executing the integer frequency change.
1.2.4
Vco output Mute Function
The HMC1197LP7FE features an intelligent output mute function with the capability to disable the VCO
output while maintaining the PLL and VCO subsystems fully functional. The mute function is automatically
controlled by the HMC1197LP7FE, and provides a number of mute control options including:
1.
Always mute (Reg 16h[5:0] = 0d). This mode is used for manual mute control.
2.
Automatically mute the outputs during VCO calibration (Reg 17h[7] = 1) that occurs during output
frequency changes.
This mode can be useful in eliminating any out of band emissions during freqeuncy changes, and ensuring
that the system emits only desired frequencies. It is enabled by writing Reg 17h[7] = 1. Typical isolation
when the HMC1197LP7FE is muted is always better than 60 dB, and is ~ 30 dB better than disabling the
output buffers of the HMC1197LP7FE via Reg 17h[5:4].
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com