Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 17 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 13Page - Analog Devices HMC1197LP7FE Datasheet HTML 14Page - Analog Devices HMC1197LP7FE Datasheet HTML 15Page - Analog Devices HMC1197LP7FE Datasheet HTML 16Page - Analog Devices HMC1197LP7FE Datasheet HTML 17Page - Analog Devices HMC1197LP7FE Datasheet HTML 18Page - Analog Devices HMC1197LP7FE Datasheet HTML 19Page - Analog Devices HMC1197LP7FE Datasheet HTML 20Page - Analog Devices HMC1197LP7FE Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
17
1.2
Vco overview
The VCO consists of a capacitor switched step tuned VCO and an output stage. In typical operation, the
VCO is programmed with the appropriate capacitor switch setting which is executed automatically by the
PLL AutoCal state machine if AutoCal is enabled (Reg 0Ah[11] = 0, see section “1.2.1 VCO Calibration” for
more information). The VCO tunes to the fundamental frequency (2050 MHz to 4100 MHz), and is locked
by the CP output from the PLL subsystem. The VCO controls the output stage of the HMC1197LP7FE
enabling configuration of:
•
VCO Output divider settings configured in Reg 16h (divide by 2/4/6...60/62 to generate frequencies
from 33 MHz to 2050 MHz, or divide by 1 to generate fundamental frequencies between 2050 MHz
and 4100 MHz)
•
Output gain settings (Reg 16h[7:6], Reg 16h[9:8])
•
Single-ended or differential output operation (Reg 17h[9:8])
•
Always Mute (Reg 16h[5:0])
•
Mute when unlock (Reg 17h[7])
1.2.1
Vco calibration
1.2.1.1 Vco auto-calibration (autocal)
The HMC1197LP7FE uses a step tuned type VCO. A step tuned VCO is a VCO with a digitally selectable
capacitor bank allowing the nominal center frequency of the VCO to be adjusted or ‘stepped’ by switching
in/out VCO tank capacitors. A step tuned VCO allows the user to center the VCO on the required output
frequency while keeping the varactor tuning voltage optimized near the mid-voltage tuning point of the
HMC1197LP7FE’s charge pump. This enables the PLL charge pump to tune the VCO over the full range of
operation with both a low tuning voltage and a low tuning sensitivity (kvco).
The VCO switches are normally controlled automatically by the HMC1197LP7FE using the Auto-Calibration
feature. The Auto-Calibration feature is implemented in the internal state machine. It manages the selection
of the VCO sub-band (capacitor selection) when a new frequency is programmed. The VCO switches may
also be controlled directly via register Reg 15h for testing or for other special purpose operation.
To use a step tuned VCO in a closed loop, the VCO must be calibrated such that the HMC1197LP7FE
knows which switch position on the VCO is optimum for the desired output frequency. The HMC1197LP7FE
supports Auto-Calibration (AutoCal) of the step tuned VCO. The AutoCal fixes the VCO tuning voltage at
the optimum mid-point of the charge pump output, then measures the free running VCO frequency while
searching for the setting which results in the free running output frequency that is closest to the desired
phase locked frequency. This procedure results in a phase locked oscillator that locks over a narrow
voltage range on the varactor. A typical tuning curve for a step tuned VCO is shown in Figure 36.Note how
the tuning voltage stays in a narrow range over a wide range of output frequencies such as fast frequency
hopping.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com