Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 6 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 2Page - Analog Devices HMC1197LP7FE Datasheet HTML 3Page - Analog Devices HMC1197LP7FE Datasheet HTML 4Page - Analog Devices HMC1197LP7FE Datasheet HTML 5Page - Analog Devices HMC1197LP7FE Datasheet HTML 6Page - Analog Devices HMC1197LP7FE Datasheet HTML 7Page - Analog Devices HMC1197LP7FE Datasheet HTML 8Page - Analog Devices HMC1197LP7FE Datasheet HTML 9Page - Analog Devices HMC1197LP7FE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
6
Figure 7. rF output Power & Sbr
vs. Frequency over lo Power
Figure 8. rF output iP3, P1db & noise Floor
@ 20 MHz offset vs. Frequency
over lo Power
[1] See note titled “Calibrated vs. Uncalibrated test results” herein.
-10
-8
-6
-4
-2
0
-65
-50
-35
-20
-5
10
0
1000
2000
3000
4000
4.75V
5.0V
5.25V
FREQUENCY (MHz)
OUTPUT POWER
SIDEBAND SUPPRESSION
-30
-20
-10
0
10
20
30
40
-180
-170
-160
-150
-140
-130
-120
-110
0
1000
2000
3000
4000
4.75V
5.00V
5.25V
FREQUENCY (MHz)
OUTPUT IP3
OUTPUT P1dB
NOISE FLOOR
SET-UP NOISE FLOOR
-70
-60
-50
-40
-30
-20
-10
0
0
1000
2000
3000
4000
+25C
+85C
-40C
FREQUENCY (MHz)
-30
-20
-10
0
10
20
30
40
-180
-170
-160
-150
-140
-130
-120
-110
0
1000
2000
3000
4000
Low (0)
Medium (1)
High (2)
Max. (3)
FREQUENCY (MHz)
OUTPUT IP3
OUTPUT P1dB
NOISE FLOOR
SET-UP NOISE FLOOR
-10
-8
-6
-4
-2
0
-65
-50
-35
-20
-5
10
0
1000
2000
3000
4000
Low (0)
Medium (1)
High (2)
Max. (3)
FREQUENCY (MHz)
OUTPUT POWER
SIDEBAND SUPPRESSION
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1000
2000
3000
4000
+25C
+85C
-40C
FREQUENCY (MHz)
Figure 9.
uncalibrated Sideband Suppression
vs. Frequency over temperature [1]
Figure 10. calibrated Sideband Suppression
vs. Frequency over temperature [1]
Figure 11. rF output Power & Sbr
vs. Frequency over Supply Voltage
Figure 12. rF output iP3, P1db & noiseFloor
@ 20 MHz offset vs. Frequency
over Supply Voltage
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com