Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 27 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 23Page - Analog Devices HMC1197LP7FE Datasheet HTML 24Page - Analog Devices HMC1197LP7FE Datasheet HTML 25Page - Analog Devices HMC1197LP7FE Datasheet HTML 26Page - Analog Devices HMC1197LP7FE Datasheet HTML 27Page - Analog Devices HMC1197LP7FE Datasheet HTML 28Page - Analog Devices HMC1197LP7FE Datasheet HTML 29Page - Analog Devices HMC1197LP7FE Datasheet HTML 30Page - Analog Devices HMC1197LP7FE Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
27
1.3.5.3 configuring ld_Sdo Pin for ld output
Setting Reg 0Fh[4:0]=1 will display the Lock Detect Flag on LD_SDO pin of the HMC1197LP7FE. If locked,
LD_SDO will be high. As the name suggests, LD_SDO pin is multiplexed between LD and SDO (Serial
Data Out) signals. Hence LD is available on the LD_SDO pin at all times except when a serial port read
is requested, in which case the pin reverts temporarily to the Serial Data Out pin, and returns to the Lock
Detect Flag after the read is completed.
LD can be made available on LD_SDO pin at all times by writing Reg 0Fh[6] = 1. In that case the
HMC1197LP7FE will not provide any read-back functionality because the SDO signal is not available.
1.3.6
cycle Slip Prevention (cSP)
When changing VCO frequency and the VCO is not yet locked to the reference, the instantaneous
frequencies of the two PD inputs are different, and the phase difference of the two inputs at the PD varies
rapidly over a range much greater than ±2π radians. Since the gain of the PD varies linearly with phase
up to ±2π, the gain of a conventional PD will cycle from high gain, when the phase difference approaches
a multiple of 2π, to low gain, when the phase difference is slightly larger than a multiple of 0 radians. The
output current from the charge pump will cycle from maximum to minimum even though the VCO has not
yet reached its final frequency.
The charge on the loop filter small cap may actually discharge slightly during the low gain portion of the
cycle. This can make the VCO frequency actually reverse temporarily during locking. This phenomena is
known as cycle slipping. Cycle slipping causes the pull-in rate during the locking phase to vary cyclically.
Cycle Slipping increases the time to lock to a value greater than that predicted by normal small signal
Laplace analysis.
The HMC1197LP7FE PD features an ability to reduce cycle slipping during frequency tunning. The Cycle
Slip Prevention (CSP) feature increases the PD gain during large phase errors.
1.3.7
Frequency tuning
HMC1197LP7FE VCO subsystem always operates in fundamental frequency of operation (2050 MHz to
4100 MHz). The HMC1197LP7FE generates frequencies below its fundamental frequency (33 MHz to 2050
MHz) by tuning to the appropriate fundamental frequency and selecting the appropriate Output Divider
setting (divide by 2/4/6.../60/62) in Reg 16h[5:0].
The HMC1197LP7FE automatically controls frequency tuning in the fundamental band of operation, for
more information see “1.2.1 VCO Calibration”.
To tune to frequencies below the fundamental frequency range (<2050 MHz) it is required to tune the
HMC1197LP7FE to the appropriate fundamental frequency, then select the appropriate output divider
setting (divide by 2/4/6.../60/62) in Reg 16h[5:0].
1.3.7.1 integer Mode
The HMC1197LP7FE is capable of operating in integer mode. For Integer mode set the following registers
a. Disable the Fractional Modulator, Reg 06h[11]=0
b. Bypass the Modulator circuit, Reg 06h[7]=1
In integer mode the VCO step size is fixed to that of the PD frequency. Integer mode typically has 3 dB
lower phase noise than fractional mode for a given PD operating frequency. Integer mode, however, often
requires a lower PD frequency to meet step size requirements. The fractional mode advantage is that
higher PD frequencies can be used, hence lower phase noise can often be realized in fractional mode.
Charge Pump offset should be disabled in integer mode Reg 09h[22:14] = 0h.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com