Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 19 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 19 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 15Page - Analog Devices HMC1197LP7FE Datasheet HTML 16Page - Analog Devices HMC1197LP7FE Datasheet HTML 17Page - Analog Devices HMC1197LP7FE Datasheet HTML 18Page - Analog Devices HMC1197LP7FE Datasheet HTML 19Page - Analog Devices HMC1197LP7FE Datasheet HTML 20Page - Analog Devices HMC1197LP7FE Datasheet HTML 21Page - Analog Devices HMC1197LP7FE Datasheet HTML 22Page - Analog Devices HMC1197LP7FE Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
19
be any rational number supported by the N divider.
N is set by the integer (Nint = Reg 03h) and fractional (Nfrac = Reg 04h) register contents
N = N
int + Nfrac / 2
24
(EQ 2)
The AutoCal state machine runs at the rate of the FSM clock, TFSM, where the FSM clock frequency cannot
be greater than 50 MHz.
T
FSM = Txtal · 2
m
(EQ 3)
m
is 0, 2, 4 or 5 as determined by Reg 0Ah[14:13]
The expected number of VCO counts, V, is given by
V = floor (N · 2
n)
(EQ 4)
The nominal VCO frequency measured, fvcom, is given by
f
vcom = V · fxtal / (2
n · R)
(EQ 5)
where the worst case measurement error, ferr , is:
f
err ≈ ±fpd / 2
n + 1
(EQ 6)
Figure 37. VCO Calibration
A 5-bit step tuned VCO, for example, nominally requires 5 measurements for calibration, worst case 6
measurements, and hence 7 VSPI data transfers of 20 clock cycles each. Total calibration time, worst
case, is given by:
T
cal = k128TFSM + 6TPD 2
n + 7 · 20T
FSM
(EQ 7)
or equivalently
T
cal = Txtal (6R · 2
n + (140+(3 · 128)) · 2m)
(EQ 8)
For guaranteed hold of lock, across temperature extremes, the resolution should be better than
1/8th the frequency step caused by a VCO sub-band switch change. Better resolution settings will show
no improvement.
1.2.1.4.1.1
Vco autocal example
The HMC1197LP7FE must satisfy the maximum fpd limited by the two following conditions:
a. N ≥ 16 (fint), N ≥ 20.0 (ffrac), where N = fVCO/ fpd
b. fpd ≤ 100 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com