Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 47 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 47 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 43Page - Analog Devices HMC1197LP7FE Datasheet HTML 44Page - Analog Devices HMC1197LP7FE Datasheet HTML 45Page - Analog Devices HMC1197LP7FE Datasheet HTML 46Page - Analog Devices HMC1197LP7FE Datasheet HTML 47Page - Analog Devices HMC1197LP7FE Datasheet HTML 48Page - Analog Devices HMC1197LP7FE Datasheet HTML 49Page - Analog Devices HMC1197LP7FE Datasheet HTML 50Page - Analog Devices HMC1197LP7FE Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
47
2.22
reg 16h Gain divider register default 6c1 h
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[5:0]
R/W
RF Divide Ratio
6
1
0 - Mute, VCO and PLL buffer On, RF output stages Off
1 - Fo
2 - Fo/2
3 - invalid, defaults to 2
4 - Fo/2
5 - invalid, defaults to 4
6 - Fo/6
...
60 - Fo/60
61 - invalid, defaults to 60
62 - Fo/62
> 62 - invalid, defaults to 62
[7:6]
R/W
LO Output Buffer Gain
Control
2
3
3 - Max Gain
2 - Max Gain - 3 dB
1 - Max Gain - 6 dB
0 - Max Gain - 9 dB
[9:8]
R/W
LO2 Output Buffer gain
Control
2
2
3 - Max Gain
2 - Max Gain - 3 dB
1 - Max Gain - 6 dB
0 - Max Gain - 9 dB
[10]
R/W
Divider Output Stage Gain
Control
1
1
1 - Max Gain
0 - Max Gain - 3 dB
[23:11]
R/W
Reserved
13
0
Reserved
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com