Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 43 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 43 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 39Page - Analog Devices HMC1197LP7FE Datasheet HTML 40Page - Analog Devices HMC1197LP7FE Datasheet HTML 41Page - Analog Devices HMC1197LP7FE Datasheet HTML 42Page - Analog Devices HMC1197LP7FE Datasheet HTML 43Page - Analog Devices HMC1197LP7FE Datasheet HTML 44Page - Analog Devices HMC1197LP7FE Datasheet HTML 45Page - Analog Devices HMC1197LP7FE Datasheet HTML 46Page - Analog Devices HMC1197LP7FE Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
43
2.13
reg 0bh Pd/cP register deFault 78061 h
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[3:0]
R/W
Reserved
4
1
Reserved
[4]
R/W
PD Phase Select
1
0
Inverts the PD polarity (program to 0)
0- Use with a positive tuning slope VCO and Passive Loop Filter
(default when using internal VCO)
1- Use with a Negative Slope VCO or with an inverting Active Loop
Filter with a Positive Slope VCO (Only recommended when using an
External VCO, and an active loop filter)
[5]
R/W
PD Up Output Enable
1
1
Enables the PD UP output, see also
Reg 0Bh[9]
[6]
R/W
PD Down Output Enable
1
1
Enables the PD DN output, see also
Reg 0Bh[10]
[8:7]
R/W
Reserved
2
0
Reserved, Program to 0d.
[9]
R/W
Force CP UP
1
0
Forces CP UP output on if CP is not forced down - Use for Test only
[10]
R/W
Force CP DN
1
0
Forces CP DN output on if CP is not forced up - Use for Test only
[11]
R/W
Force CP Mid Rail
1
0
Force CP MId Rail - Use for Test only (if Force CP UP or Force CP
DN are enabled they have precedence)
[23:12]
R/W
Reserved
12
120d
78h
Reserved.
2.14
reg 0ch exact Frequency register
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[23:0]
R/W
Number of Channels per Fpd
24
0
Comparison Frequency divided by the correction rate. Must be
an integer. Frequencies at exactly the correction rate will have
zero frequency error. Only works in modulator Mode B(3rd order
recommended modulator type in Reg06[3:2]). Reg 0Ch must be 0 if
using ohter DSM type
0: Disabled
1: Invalid
≥ 2 valid
max 224-1 = FFFFFFh = 16,777,215d
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com