Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 23 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 19Page - Analog Devices HMC1197LP7FE Datasheet HTML 20Page - Analog Devices HMC1197LP7FE Datasheet HTML 21Page - Analog Devices HMC1197LP7FE Datasheet HTML 22Page - Analog Devices HMC1197LP7FE Datasheet HTML 23Page - Analog Devices HMC1197LP7FE Datasheet HTML 24Page - Analog Devices HMC1197LP7FE Datasheet HTML 25Page - Analog Devices HMC1197LP7FE Datasheet HTML 26Page - Analog Devices HMC1197LP7FE Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
23
1.3.1.3 charge Pump Phase offset
In Integer Mode, the phase detector operates with zero offset. The divided reference signal and the divided
VCO signal arrive at the phase detector inputs at the same time. Integer mode does not require any CP
Offset current. When operating in Integer Mode simply disable CP offset in both directions (Up and down),
by writing Reg 09h[22:21] = ‘00’b and set the CP Offset magnitude to zero by writingReg 09h[20:14]= 0.
In Fractional Mode CP linearity is of paramount importance. Any non-linearity degrades phase noise and
spurious performance.
In fractional mode, these non-linearities are eliminated by operating the PD with an average phase offset,
either positive or negative (either the reference or the VCO edge always arrives first at the PD ie. leads).
A programmable CP offset current source is used to add DC current to the loop filter and create the desired
phase offset. Positive current causes the VCO to lead, negative current causes the reference to lead.
The CP offset is controlled via Reg 09h[20:14]. The phase offset is scaled from 0 degrees, that is the
reference and the VCO path arrive in phase, to 360 degrees, where they arrive a full cycle late.
The specific level of charge pump offset current Reg 09h[20:14] is provided in (EQ 9). It is also plotted in
Figure 39 vs. PD frequency for typical CP Gain currents.
(
)
9
4.3 10
,0.25
Required CP Offset min
PD
CP
CP
FI
I
−

×
×
×
×


=
where:
FPD: Comparison frequency of the Phase Detector (Hz)
ICP: is the full scale current setting (A) of the switching charge pump (set in Reg 09h[6:0], [13:7]
(EQ 9)
0
100
200
300
400
500
600
700
0
20
40
60
80
100
PHASE DETECTOR FREQUENCY (MHz)
CP Current = 2.5 mA
CP Current = 2 mA
CP Current = 1 mA
Recommended
CP
offset
current
vs
PD
frequency
for
typical
CP gain currents. Calculated using (EQ 9)
The required CP offset current should never exceed 25 % of the programmed CP current. It is recommended
to enable the Up Offset and disable the Down Offset by writing Reg 09h[22:21] = ‘10’b.
Operation with CP offset influences the required configuration of the Lock Detect function. Refer to the
description of Lock Detect function in section 1.3.5.
When operating with PD frequency >=80MHz, the CP Offset current should be disabled for the frequency
change and then re-enabled after the PLL has settled. If the CP Offset current is enabled during a
frequency change it may not lock.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com