Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 34 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 34 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 30Page - Analog Devices HMC1197LP7FE Datasheet HTML 31Page - Analog Devices HMC1197LP7FE Datasheet HTML 32Page - Analog Devices HMC1197LP7FE Datasheet HTML 33Page - Analog Devices HMC1197LP7FE Datasheet HTML 34Page - Analog Devices HMC1197LP7FE Datasheet HTML 35Page - Analog Devices HMC1197LP7FE Datasheet HTML 36Page - Analog Devices HMC1197LP7FE Datasheet HTML 37Page - Analog Devices HMC1197LP7FE Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
34
1.7
chip identification
The chip id information may be read by reading the content of read only register, chip_ID in Reg 00h.
For HMC1197LP7FE, chip id is C7701Ah.
1.8
Serial Port overview
The SPI protocol has the following general features:
a. 3-bit chip address , enable the use of up to 8 devices connected to the serial bus
b. Simultaneous Write/Read during the SPI cycle
c. 5-bit address space
d. 3 wire for Write Only capability, 4 wire for Read/Write capability
Typical serial port operation can be run with SCLK at speeds up to 50 MHz.
1.8.1
Serial Port Write operation
AVDD = DVDD = 3V, AGND = DGND = 0V
table 13. SPi Write timing characteristics
Parameter
Conditions
Min.
Typ.
Max
Units
t1
SDI setup time to SCLK Rising Edge
3
ns
t2
SCLK Rising Edge to SDI hold time
3
ns
t3
SEN low duration
10
ns
t4
SEN high duration
10
ns
t5
SCLK 32 Rising Edge to SEN Rising Edge
10
ns
t6
Recovery Time
10
ns
Max Serial port Clock Speed
50
MHz
A typical WRITE cycle is shown in Figure 41.
a. The Master (host) places 24-bit data, d23:d0, MSB first, on SDI on the first 24 falling edges of SCLK.
b. the slave (HMC1197LP7FE) shifts in data on SDI on the first 24 rising edges of SCLK
c. Master places 5-bit register address to be written to, r4:r0, MSB first, on the next 5 falling edges of SCLK
(25-29)
d. Slave shifts the register bits on the next 5 rising edges of SCLK (25-29).
e. Master places 3-bit chip address, a2:a0, MSB first, on the next 3 falling edges of SCLK (30-32). Hittite
reserves chip address a2:a0 = 000 for HMC1197LP7FE.
f. Slave shifts the chip address bits on the next 3 rising edges of SCLK (30-32).
g. Master asserts SEN after the 32nd rising edge of SCLK.
h. Slave registers the SDI data on the rising edge of SEN.
i. Master clears SEN to complete the WRITE cycle.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com