Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 2 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 2 Page - Analog Devices

  HMC1197LP7FE Datasheet HTML 1Page - Analog Devices HMC1197LP7FE Datasheet HTML 2Page - Analog Devices HMC1197LP7FE Datasheet HTML 3Page - Analog Devices HMC1197LP7FE Datasheet HTML 4Page - Analog Devices HMC1197LP7FE Datasheet HTML 5Page - Analog Devices HMC1197LP7FE Datasheet HTML 6Page - Analog Devices HMC1197LP7FE Datasheet HTML 7Page - Analog Devices HMC1197LP7FE Datasheet HTML 8Page - Analog Devices HMC1197LP7FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
2
table 1. electrical Specifications, See test conditions on page-4.
Parameter
Typ.
Typ.
Typ.
Typ.
Units
Frequency Range, RF
450-960
1700-2200
2200-2700
3400-4000
MHz
Output Power
-2.0
-1.1
-1.3
-3.2
dBm
Conversion Voltage Gain
-6.0
-5.1
-5.3
-7.2
dB
Output P1dB
+10.5
+10.5
+10
+9.5
dBm
Output Noise Floor
-159.5
-157.0
-156.5
-156.5
dBm/Hz
Output IP3
+28.5
+26.5
+26.0
+23.5
dBm
Carrier Feedthrough
(uncalibrated)
-40
-37.0
-33.5
-34.5
dBm
Sideband Suppression
(uncalibrated)
45
45
43
30.5
dBc
RF Port Return Loss
12.5
15
16
16
dB
table 2. electrical Specifications (Continued)
Parameter
Conditions
Min.
Typ.
Max.
Units
RF Output
RF Frequency Range
100
4000
MHz
RF Return Loss
15
dB
Baseband Input Port
Baseband Input DC Voltage (Vbbdc)
+0.5 (+0.4 to +0.6)
V
Baseband Input DC Bias Current (Ibbdc)
Single-ended.
110
pA
Single-ended Baseband Input Capacitance
De-embed to the lead of the device.
4.5
pF
DC Power Supply
Supply Voltage (VCC1, VCC2, VCC3, VDDLS,
VDDCP, BIAS, IF1P)
+4.75
+5.0
+5.25
V
Supply Current of +5V Supply (I
CC1)
Modulator ON and PLL ON
320
mA
Modulator OFF and PLL ON
152
mA
Modulator OFF and PLL OFF
12
mA
Supply Voltage (V3, DVDD, RVDD, VCCPD,
VCCPS, VCCHF)
3.15
+3.3
3.45
V
Supply Current of +3.3V Supply (I
CC2)
Modulator ON and PLL ON
48
mA
Modulator OFF and PLL ON
48
mA
Modulator OFF and PLL OFF
1
mA
Enable/Disable Interface
EN High Level
Modulator disabled
5
V
EN Low Level
Modulator enabled
0
V
Enable/Disable Settling Time
400/400
ns
LO Leakage Isolation
EN_MOD=5V, LO=2.1GHz
-75
dBm
Logic Inputs
Logic High
1.2
V
Logic Low
0.6
V
Input Current
+/- 1
uA
Input Capacitance
2
pF
LO Output Characteristics
LO Output Frequency
50
4100
MHz
VCO Frequency at PLL Input
2000
4100
MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com