Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 4 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 4 Page - Analog Devices

  HMC1197LP7FE Datasheet HTML 1Page - Analog Devices HMC1197LP7FE Datasheet HTML 2Page - Analog Devices HMC1197LP7FE Datasheet HTML 3Page - Analog Devices HMC1197LP7FE Datasheet HTML 4Page - Analog Devices HMC1197LP7FE Datasheet HTML 5Page - Analog Devices HMC1197LP7FE Datasheet HTML 6Page - Analog Devices HMC1197LP7FE Datasheet HTML 7Page - Analog Devices HMC1197LP7FE Datasheet HTML 8Page - Analog Devices HMC1197LP7FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
4
calibrated vs. uncalibrated test results
During the Uncalibrated Sideband and Carrier Suppression tests, care is taken to ensure that the I/Q signal paths
from the Vector Signal Generator (VSG) to the Device Under Test (DUT) are equal. The “Uncalibrated” Sideband and
Carrier Suppression plots were measured at T= -40 °C, +25 °C, and +85 °C.
The “Calibrated” Sideband Suppression data was plotted after a manual adjustment of the I/Q amplitude balance and
I/Q phase offset (skew) at +25 °C, 5V and 3.3V Vcc, LO maximum power level. The +25 °C adjustment settings were
held constant during tests over temperature.
The “Calibrated” Carrier Suppression data was plotted after a manual adjustment of the IP/IN & QP/QN DC offsets at
+25 °C, 5V and 3.3V Vcc, LO maximum power level. The +25 °C adjustment settings were held constant during tests
over temperature.
table 4. Filter bank Selection vs. Frequency
Frequency
(MHz)
≤ 500
600 700 800 900
1000/1100
1200
1300/1400/1500 1600 1700/1800 1900/2000
2000 ≥
Frequency
(MHz)
≤ 500
600 700 800 900
1000/1100
1200
1300/1400/1500 1600 1700/1800 1900/2000
2000 ≥
Filter Bank
Selection
0
1
5
7
8
0
7
8
9
10
11
15
table 3. test conditions: unless otherwise Specified, the Following test conditions Were used
Parameter
Condition
Temperature
+25 °C
Baseband Input Frequency
200 kHz
Baseband Input DC Voltage (Vbbdc)
+0.5 V
Baseband Input AC Voltage
(Peak to Peak Differential, I and Q)
1.0 V
Baseband Input AC Voltage for OIP3 Measurements (Peak to Peak Differential, I and Q)
500 mV per tone @ 150 & 250 KHz
Baseband Input AC Voltage for Noise Floor Measurements (Peak to Peak Differential, I and Q)
no baseband input voltage
Frequency Offset for Output Noise Measurements
20 MHz
Supply Voltage (VCC1, VCC2, VCC3, VDDLS, VDDCP, BIAS)
+5.0V
Supply Voltage (V3, DVDD, RVDD, VCCPD, VCCPS, VCCHF)
+3.3V
LO Power Level
Maximum Power
Mounting Configuration
Refer to HMC1197LP7FE Application Schematic
Herein
Sideband & Carrier Feedthrough
Uncalibrated
table 2. electrical Specifications (Continued)
Parameter
Conditions
Min.
Typ.
Max.
Units
VCO Characteristics
VCO Tuning Sensitivity at 3862 MHz
Measured at 2.5 V
15
MHz/V
VCO Tuning Sensitivity at 3643 MHz
Measured at 2.5 V
14.5
MHz/V
VCO Tuning Sensitivity at 3491 MHz
Measured at 2.5 V
16.2
MHz/V
VCO Tuning Sensitivity at 3044 MHz
Measured at 2.5 V
14.6
MHz/V
VCO Tuning Sensitivity at 2558 MHz
Measured at 2.5 V
15.4
VCO Tuning Sensitivity at 2129 MHz
Measured at 2.5 V
14.8
VCO Supply Pushing
Measured at 2.5 V
2
MHz/V
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com