Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 24 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 20Page - Analog Devices HMC1197LP7FE Datasheet HTML 21Page - Analog Devices HMC1197LP7FE Datasheet HTML 22Page - Analog Devices HMC1197LP7FE Datasheet HTML 23Page - Analog Devices HMC1197LP7FE Datasheet HTML 24Page - Analog Devices HMC1197LP7FE Datasheet HTML 25Page - Analog Devices HMC1197LP7FE Datasheet HTML 26Page - Analog Devices HMC1197LP7FE Datasheet HTML 27Page - Analog Devices HMC1197LP7FE Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
24
1.3.1.4 Phase detector Functions
Phase detector register Reg 0Bhallows manual access to control special phase detector features.
Setting Reg 0Bh[5] = 0, masks the PD up output, which prevents the charge pump from pumping up.`
Setting (Reg 0Bh[6]) = 0, masks the PD down output, which prevents the charge pump from pumping
down.
Clearing both Reg 0Bh[5] and Reg 0Bh[6] tri-states the charge pump while leaving all other functions
operating internally.
PD Force UP Reg 0Bh[9] = 1 and PD Force DN Reg 0Bh[10] = 1 allows the charge pump to be forced up
or down respectively. This will force the VCO to the ends of the tuning range which can be useful in VCO
testing.
1.3.2
reference input Stage
Figure 39. Reference Path Input Stage
The reference buffer provides the path from an external reference source (generally crystal based) to
the R divider, and eventually to the phase detector. The buffer has two modes of operation controlled by
Reg 08h[21]. High Gain (Reg 08h[21] = 0), recommended below 200 MHz, and High frequency (Reg 08h[21]
= 1), for 200 to 350 MHz operation. The buffer is internally DC biased, with 100 Ω internal termination. For
50 Ω match, an external 100 Ω resistor to ground should be added, followed by an AC coupling capacitor
(impedance < 1 Ω), then to the XREFP pin of the part.
At low frequencies, a relatively square reference is recommended to keep the input slew rate high. At higher
frequencies, a square or sinusoid can be used. The following table shows the recommended operating
regions for different reference frequencies. If operating outside these regions the part will normally still
operate, but with degraded reference path phase noise performance.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com