Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 49 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 49 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 45Page - Analog Devices HMC1197LP7FE Datasheet HTML 46Page - Analog Devices HMC1197LP7FE Datasheet HTML 47Page - Analog Devices HMC1197LP7FE Datasheet HTML 48Page - Analog Devices HMC1197LP7FE Datasheet HTML 49Page - Analog Devices HMC1197LP7FE Datasheet HTML 50Page - Analog Devices HMC1197LP7FE Datasheet HTML 51Page - Analog Devices HMC1197LP7FE Datasheet HTML 52Page - Analog Devices HMC1197LP7FE Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
49
2.26
reg 1ah Seed register default b29d0bh
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[23:0]
R/W
Delta Sigma Modulator
Seed
24
11705611d
B29D0Bh
Used to program output phase relative to the reference frequency.
(Exact Frequency Mode required). When not using Exact Frequency
Mode and Auto seed Enable Reg06h[8] =1, Reg1Ah sets the start
phase of output signal. If AutoSeed disable Reg06h[8] =0, Reg1Ah
is the start phase of the signal after every frequency changel. (LO
Phase = 2π x Reg1Ah/(224)
2.27
reg 21h Programmable Harmonic lPF register
chip id = 6h, regaddress = 01h, (reg01h) (Write only)[1]
BIT
TYPE
NAME
W
DEFLT
DESCRIPTION
[15:0]
W
Harmonic LPF Band select
16
15d
Fh
Low Pass Filter 3 dB bandwidth setting on the output of LO pins
(LO_N & LO_P pins)
0: 970 MHz
1: 1000 MHz
2: 1030 MHz
3: 1055 MHzl
4: 1085 MHz
5: 1120 MHz
6: 1155 MHz
7: 1195 MHz
8: 2335 MHz
9: 2430 MHz
10: 2530 MHz
11: 2655 MHz
12: 2770 MHz
13: 2940 MHz
14: 3145 MHz
15: 3400 MHz
[23:16]
W
Reserved
8
Reserved
A write of C1h is required every time bandwidth setting in
Reg 21h [15:0] is changed.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com