Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 51 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 51 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 47Page - Analog Devices HMC1197LP7FE Datasheet HTML 48Page - Analog Devices HMC1197LP7FE Datasheet HTML 49Page - Analog Devices HMC1197LP7FE Datasheet HTML 50Page - Analog Devices HMC1197LP7FE Datasheet HTML 51Page - Analog Devices HMC1197LP7FE Datasheet HTML 52Page - Analog Devices HMC1197LP7FE Datasheet HTML 53Page - Analog Devices HMC1197LP7FE Datasheet HTML 54Page - Analog Devices HMC1197LP7FE Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
51
inputs floating which generates excessive current flow that may cause damage to the IC. The baseband
inputs should be pulled down to GND in shutdown mode. The nominal baseband input AC Voltage used in
the characterization of the HMC1197LP7FE is 1.3Vpp differential. The baseband input AC voltage can be
varied to optimize overall modulator performance.
It is recommended to drive the baseband inputs differentially to reduce even-order distortion products and
also use reconstruction filters at the baseband inputs to avoid aliasing
I/Q modulator includes a LO quadrature phase splitter that generates two carrier signals in quadrature
followed by LO limiting amplifiers which are used to drive the I and Q mixers with saturated signal levels.
Therefore, the LO path is immune to large variations in the LO input signal level and the modulator
performance does not vary much with LO input power.
After upconversion, the outputs of the I and Q mixers are summed together differentially and converted
to single- ended RF output. The single-ended RF output port is internally matched to 50 Ohms and does
not require any external matching components. Only a standard DC-blocking capacitor is required at this
interface.
3.3
Harmonic low Pass Filter
High LO harmonic content causes amplitude and phase mismatches and ultimately performance
degradation in modulator sideband rejection.
-80
-70
-60
-50
-40
-30
-20
-10
0
-80
-70
-60
-50
-40
-30
-20
-10
0
hmc701 Sweeper Plot 11:18:12 AM 3/19/2012
LO HARMONIC LEVEL (dBc)
3rd LO Harmonic
2nd LO Harmonic
Targeted minimum LO harmonic level
Targeted maximum modulator
sideband rejection
Figure 44. Typical impact of 2nd and 3rd LO harmonic on sideband rejection.
As shown in Figure 44, in a typical modulator with 1xLO input both the 2nd and 3rd LO harmonics affect
the modulator sideband rejection performance at levels > -20 dBc relative to the LO signal power. It also
shows that the 3rd LO harmonic has greater impact on modulator sideband rejection performance than the
2nd, and that there is little effect of the 2nd LO harmonic on modulator sideband rejection once the 2nd LO
harmonic is below -20 dBc levels, relative to the LO signal level.
Figure 45 shows the typical insertion loss of the low pass filter.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com