Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 28 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 28 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 24Page - Analog Devices HMC1197LP7FE Datasheet HTML 25Page - Analog Devices HMC1197LP7FE Datasheet HTML 26Page - Analog Devices HMC1197LP7FE Datasheet HTML 27Page - Analog Devices HMC1197LP7FE Datasheet HTML 28Page - Analog Devices HMC1197LP7FE Datasheet HTML 29Page - Analog Devices HMC1197LP7FE Datasheet HTML 30Page - Analog Devices HMC1197LP7FE Datasheet HTML 31Page - Analog Devices HMC1197LP7FE Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
28
1.3.7.2 integer Frequency tuning
In integer mode the digital Δ∑ modulator is shut off and the N divider (Reg 03h) may be programmed to any
integer value in the range 16 to 219-1. To run in integer mode configure Reg 06h as described, then program
the integer portion of the frequency as explained by (EQ 12), ignoring the fractional part.
a. Disable the Fractional Modulator, Reg 06h[11] = 0
b. Bypass the delta-sigma modulator Reg 06h[7] = 1
c. To tune to frequencies (<2050 MHz), select the appropriate output divider valueReg 16h[5:0].
1.3.7.3 Fractional Mode
The HMC1197LP7FE is placed in fractional mode by setting the following registers:
a. Enable the Fractional Modulator, Reg 06h[11]=1
b. Connect the delta sigma modulator in circuit, Reg 06h[7]=0
1.3.7.4 Fractional Frequency tuning
This is a generic example, with the goal of explaining how to program the output frequency. Actual variables
are dependant upon the reference in use.
The HMC1197LP7FE in fractional mode can achieve frequencies at fractional multiples of the reference.
The frequency of the HMC1197LP7FE, fvco, is given by
fvco =
(Nint + Nfrac) = fint + ffrac
fxtal
R
(EQ 12)
fout = fvco/ k
(EQ 13)
Where:
fout
is the output frequency after any potential dividers.
k
is 1 for fundamental, or k = 2,4,6,…58,60,62 depending on the selected output
divider value (Reg 16h[5:0])
Nint
is the integer division ratio, Reg 03h, an integer number between 20 and
524,284
Nfrac
is the fractional part, from 0.0 to 0.99999...,Nfrac=Reg 04h/224
R
is the reference path division ratio, Reg 02h
fxtal
is the frequency of the reference oscillator input
fpd
is the PD operating frequency, fxtal/R
As an example:
fout
1402.5 MHz
k
2
fvco
2,805 MHz
fxtal
= 50 MHz
R
= 1
fpd
= 50 MHz
Nint
= 56
Nfrac
= 0.1
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com