Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 46 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 46 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 42Page - Analog Devices HMC1197LP7FE Datasheet HTML 43Page - Analog Devices HMC1197LP7FE Datasheet HTML 44Page - Analog Devices HMC1197LP7FE Datasheet HTML 45Page - Analog Devices HMC1197LP7FE Datasheet HTML 46Page - Analog Devices HMC1197LP7FE Datasheet HTML 47Page - Analog Devices HMC1197LP7FE Datasheet HTML 48Page - Analog Devices HMC1197LP7FE Datasheet HTML 49Page - Analog Devices HMC1197LP7FE Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
46
2.20
reg 14h auxiliary SPi register
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[0]
R/W
Aux SPI Mode
1
0
1- Use the 3 outputs as an SPI port
0- Use the 3 outputs as a static GPO port along with Reg 14h[3:1]
[3:1]
R/W
Aux GPO Values
3
0
3 Output values can be set indivually when
Reg 10h [0] = 1
[4]
R/W
Aux GPO 3.3 V
1
0
0- 1.8 V output out of the Auxiliary GPO pins when
Reg 10h [0] = 1
1- 3.3 V output out of the Auxiliary GPO pins when
Reg 10h [0] = 1
[8:5]
R/W
Reserved
4
1
Reserved
[9]
R/W
Phase Sync
1
1
When set, CHIP_EN pin is used as a trigger for phase
synchronization. Can be used to synchronize multiple
HMC1197LP7FE, or to along with the Reg 1Ah value to phase step the
output.
(Exact Frequency Mode must be enabled)
[11:10]
R/W
Aux SPI GPO Output
2
0
Option to send GPO multiplexed data (ex Lock Detect) to one of the
auxiliary outputs
0- None
1 - to [0]
2 - to [1]
3 - to [2]
[13:12]
R/W
Aux SPI Outputs
2
0
When disabled:
0 - Outputs Hi Z
1 - Outputs stay driven
2 - Outputs driven to high
3 - Outputs driven to low
[23:14]
R/W
Reserved
10
0
Reserved
2.21
reg 15h Manual Vco config register default F48a0 h
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[0]
R/W
Manual Calibration Mode
1
0
1- VCO subsystem manual calibration enabled
0- VCO subsystem manual calibration disabled
[5:1]
R/W
Capacitor Switch Setting
5
16d
10h
capacitor switch setting
[8:6]
R/W
Manual VCO Selection
3
2
selects the VCO core sub-band
[9]
R/W
Manual VCO Tune Enable
1
0
1- Manual VCO tuning enabled
0- Manual VCO tuning disabled
[15:10]
R/W
Reserved
6
18d
12h
Reserved
[16]
R/W
Enable Auto-Scale CP cur-
rent
1
1
1 - Automatically scale CP current based on VCO frequency and
capacitor setting
0- Don’t scale CP current
[23:17]
R/W
Reserved
7
7d
Reserved
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com