Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 9 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 5Page - Analog Devices HMC1197LP7FE Datasheet HTML 6Page - Analog Devices HMC1197LP7FE Datasheet HTML 7Page - Analog Devices HMC1197LP7FE Datasheet HTML 8Page - Analog Devices HMC1197LP7FE Datasheet HTML 9Page - Analog Devices HMC1197LP7FE Datasheet HTML 10Page - Analog Devices HMC1197LP7FE Datasheet HTML 11Page - Analog Devices HMC1197LP7FE Datasheet HTML 12Page - Analog Devices HMC1197LP7FE Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
9
Figure 21. auxiliary lo output,
open loop Phase noise vs. Frequency
Figure 22. auxiliary lo output,
open loop Phase noise vs. temperature
-180
-160
-140
-120
-100
-80
-60
-40
1
10
100
1000
10000
100000
3862.4 MHz
3643.33 MHz
3491.74 MHz
3044 MHz
2558 MHz
2129.4 MHz
OFFSET (KHz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
100
1000
27 C
-40 C
85 C
FREQUENCY (MHz)
300
30
100 MHz Offset
1 MHz Offset
100 kHz Offset
4000
Figure 23. auxiliary lo output Power
vs temperature [1]
Figure 24. integrated rMS Jitter [2]
0
0.05
0.1
0.15
0.2
0.25
0.3
0
500
1000
1500
2000
2500
3000
3500
4000
-40 C
27 C
85 C
OUTPUT FREQUENCY (MHz)
-10
-5
0
5
10
15
100
1000
85C
-40C
27C
OUTPUT FREQUENCY (MHz)
-234
-232
-230
-228
-226
-224
-222
-220
-15
-12
-9
-6
-3
0
3
14 MHz Square Wave
25 MHz Square Wave
50 MHz Square Wave
100 MHz Square Wave
REFERENCE POWER (dBm)
0
10
20
30
40
50
60
70
80
012
3
4
5
ML core, Tuning Cap 15
MH core, Tuning Cap 7
L core, Tuning Cap 15
H core, Tuning Cap 7
CL core, Tuning Cap 15
CH core, Tuning Cap 15
TUNING VOLTAGE (V)
[1] Both Aux. LO and MOD LO Gain Set to ‘3’ (Max Level), both Aux. LO and MOD LO Buffer Enabled, measured from Auxiliary LO Port.
[2] RMS Jitter data is measured in fractional mode using 50 MHz reference frequency, from 1 kHz to 100 MHz integration bandwidth.
[3] Measured from a 50 Ω source with a 100 Ω external resistor termination. See PLL with Integrated RF VCOs Operating Guide Reference Input
Stage section for more details. Full FOM performance up to maximum 3.3 Vpp input voltage.
Figure 25. typical Vco Sensitivity
Figure 26. reference input Sensitivity,
Square Wave, 50 Ω [3]
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com