Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 50 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 50 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 46Page - Analog Devices HMC1197LP7FE Datasheet HTML 47Page - Analog Devices HMC1197LP7FE Datasheet HTML 48Page - Analog Devices HMC1197LP7FE Datasheet HTML 49Page - Analog Devices HMC1197LP7FE Datasheet HTML 50Page - Analog Devices HMC1197LP7FE Datasheet HTML 51Page - Analog Devices HMC1197LP7FE Datasheet HTML 52Page - Analog Devices HMC1197LP7FE Datasheet HTML 53Page - Analog Devices HMC1197LP7FE Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
50
3.0
application information
3.1
Principle of operation
Figure 43. The HMC1197LP7FE Simplified Block Diagram
The HMC1197LP7FE is a low-noise, high-linearity, Direct Quadrature Modulator with Fractional-N
PLL&VCO RFIC designed for directly converting complex modulated baseband signals from zero IF or low
IF to RF transmission levels from 100 MHz to 4 GHz. The HMC1197LP7FE’s excellent noise and linearity
performance makes it suitable for a wide range of transmission standards, including single and multicarrier
CDMA, UMTS, CDMA2000, GSM/EDGE, W-CDMA, TD-SCDMA, and WiMAX/LTE applications.
As shown in the simplified block diagram (Figure 43) the HMC1197LP7FE offers an easy-to-use, complete
direct conversion solution in a highly compact 7 x 7 mm plastic package thereby reducing cost, area, and
power consumption.
The HMC1197LP7FE modulator consists of the following functional blocks:
1. PLL & VCO “1.0 Theory of Operation”
2. I/Q modulator: I and Q input differential voltage-to-current converters, I and Q upconverting mixers and
the differential-to-single-ended converter, high Accuracy LO quadrature phase splitter and LO limiting
amplifiers
3. Harmonic Low Pass Filter
3.2
i/Q Modulator
The differential baseband inputs (QP, QN, IP, and IN) present a high impedance. The DC common-mode
voltage at the baseband inputs sets the currents in the I and Q double-balanced mixers. The nominal
baseband input DC common-mode voltage used in the characterization of the HMC1197LP7FE is 0.45V,
which should be externally applied. The baseband input DC common-mode voltage can be varied between
0.4V and 0.5V to optimize overall modulator performance. It is not recommended to leave the baseband
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com