Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 13 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 9Page - Analog Devices HMC1197LP7FE Datasheet HTML 10Page - Analog Devices HMC1197LP7FE Datasheet HTML 11Page - Analog Devices HMC1197LP7FE Datasheet HTML 12Page - Analog Devices HMC1197LP7FE Datasheet HTML 13Page - Analog Devices HMC1197LP7FE Datasheet HTML 14Page - Analog Devices HMC1197LP7FE Datasheet HTML 15Page - Analog Devices HMC1197LP7FE Datasheet HTML 16Page - Analog Devices HMC1197LP7FE Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
13
table 8. Pin descriptions
Pin Number
Function
Description
1
VDDCP
Power Supply for charge pump analog section, 5.0V nominal.
2
BIAS
External bypass decoupling for precision bias circuits, 5.0V nominal.
3,4
CP1,CP2
Charge Pump Outputs.
5
RVDD
Reference Supply, 3.3V nominal.
6
XREFP
Reference Input. DC bias is generated internally. Normally AC coupled externally.
7
DVDD
DC Power Supply for Digital (CMOS) Circuitry, 3.3V nominal.
8, 13, 14, 22,
23, 24, 28,
29, 30, 41, 42
N/C
The pins are not connected internally; however, all data shown herein was measured with these pins
connected to RF/DC ground externally.
9
EN_MOD
This pin has a 10 Kohm pulldown resistor to GND. When connected to GND or left floating the chip is
fully enabled. When connected to VCC the LO amplifiers and the mixers
are disabled.
10
IF1P
Supply voltage for the LO and mixer stage, 5.0V nominal.
11, 12
QN, QP
Q channel differential baseband input.These are high impedance ports. The nominal recommended
bias voltage is 0.45V (0.4V-0.5V)[1].The nominal recommended baseband input AC voltage is 1.3V
peak-to-peak differential.By adjusting the DC offsets on ports QN & QP , the Carrier Suppression of the
device can be optimized for a specific frequency band and LO power level. The typical offset voltege for
optimization is less than 15 mV.
The amplitude and phase difference between The I and Q inputs can be adjusted in order to optimize the
Sideband Suppression for a specific frequency band and LO power level
15, 16, 17,
18, 20
GND
These pins and package base must be connected to RF and DC ground.
19
RFOUT
DC coupled and matched to 50 Ohms.
Output requires an external DC blocking capacitor.
21
VCC3
Supply voltage for the output stages, 5.0V nominal.
25, 26
IP, IN
I channel differential baseband input. These are high impedance ports. The nominal recommended bias
voltage is 0.45V (0.4V-0.5V). The nominal recommended baseband input AC voltage is 1.3V peak-to-
peak differential.By adjusting the DC offsets on ports IN & IP , the Carrier Suppression of the device can
be optimized for a specific frequency band and LO power level. The typical offset voltege for optimization
is less than 15 mV.
The amplitude and phase difference between The I and Q inputs can be adjusted in order to optimize the
Sideband Suppression for a specific frequency band and LO power level
27
V3
Supply pin for low pass filter, 3.3V nominal.
31
CHIP_EN
Chip Enable. Connect to logic high for normal operation.
32, 33
LON, LOP
LO outputs. AC coupled and matched to 50 Ohms single ended. Do not need external DC decoupling
capacitors. The ports could be single-ended or differential.
34
VCC1
VCO analog supply 1, 5.0V nominal.
35
VCC2
VCO analog supply 2, 5.0V nominal.
36
VTUNE
VCO Varactor. Tuning Port Input.
37
SEN
PLL Serial Port Enable (CMOS) Logic Input.
38
SDI
PLL Serial Port Data (CMOS) Logic Input.
39
SCK
PLL Serial Port Clock (CMOS) Logic Input.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com