Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 22 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 18Page - Analog Devices HMC1197LP7FE Datasheet HTML 19Page - Analog Devices HMC1197LP7FE Datasheet HTML 20Page - Analog Devices HMC1197LP7FE Datasheet HTML 21Page - Analog Devices HMC1197LP7FE Datasheet HTML 22Page - Analog Devices HMC1197LP7FE Datasheet HTML 23Page - Analog Devices HMC1197LP7FE Datasheet HTML 24Page - Analog Devices HMC1197LP7FE Datasheet HTML 25Page - Analog Devices HMC1197LP7FE Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
22
1.3
Pll overview
1.3.1
charge Pump (cP) & Phase detector (Pd)
The Phase detector (PD) has two inputs, one from the reference path divider and one from the RF path
divider. When in lock these two inputs are at the same average frequency and are fixed at a constant
average phase offset with respect to each other. We refer to the frequency of operation of the PD as fpd.
Most formulae related to step size, delta-sigma modulation, timers etc., are functions of the operating
frequency of the PD, fpd. fpd is also referred to as the comparison frequency of the PD.
The PD compares the phase of the RF path signal with that of the reference path signal and controls the
charge pump output current as a linear function of the phase difference between the two signals. The
output current varies linearly over a full ±2π radians (±360°) of input phase difference.
1.3.1.1 charge Pump
A simplified diagram of the charge pump is shown in Figure 38. The CP consists of 4 programmable
current sources, two controlling the CP Gain (Up Gain Reg 09h[13:7], and Down Gain Reg 09h[6:0]) and
two controlling the CP Offset, where the magnitude of the offset is set by Reg 09h [20:14], and the direction
is selected by Reg 09h [21]=1 for up and Reg 09h [22]=1 for down offset.
CP Gain is used at all times, while CP Offset is only recommended for fractional mode of operation.
Typically the CP Up and Down gain settings are set to the same value (Reg 09h[13:7] = Reg 09h[6:0]).
Figure 38. Charge Pump Gain & Offset Control
1.3.1.2 charge Pump Gain
Charge pump Up and Down gains are set by Reg 09h[13:7] and Reg 09h[6:0] respectively. The current gain
of the pump in Amps/radian is equal to the gain setting of this register divided by 2π.
Typical CP gain setting is set to 2 to 2.5 mA, however lower values can also be used. Values < 1 mA may
result in degraded Phase Noise performance.
For example, if both Reg 09h[13:7] and Reg 09h[6:0] are set to ‘50d’ the output current of each pump will
be 1 mA and the phase frequency detector gain kp = 1 mA/2π radians, or 159 µA/rad.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com