Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 14 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 10Page - Analog Devices HMC1197LP7FE Datasheet HTML 11Page - Analog Devices HMC1197LP7FE Datasheet HTML 12Page - Analog Devices HMC1197LP7FE Datasheet HTML 13Page - Analog Devices HMC1197LP7FE Datasheet HTML 14Page - Analog Devices HMC1197LP7FE Datasheet HTML 15Page - Analog Devices HMC1197LP7FE Datasheet HTML 16Page - Analog Devices HMC1197LP7FE Datasheet HTML 17Page - Analog Devices HMC1197LP7FE Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
14
Pin descriptions
Pin Number
Function
Description
40
LD/SDO
Lock Detect, or Serial Data, or General Purpose (CMOS) Logic Output (GPO).
43
EXT_N
External VCO negative input.
44
EXT_P
External VCO positive input.
45
VCCHF
Analog supply, 3.3V nominal.
46
VCCPS
Analog supply, Prescaler, 3.3V nominal.
47
VCCPD
Analog supply, Phase Detector, 3.3 V nominal.
48
VDDLS
Analog supply, Charge Pump, 5.0 V nominal.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com