Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 53 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 53 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 49Page - Analog Devices HMC1197LP7FE Datasheet HTML 50Page - Analog Devices HMC1197LP7FE Datasheet HTML 51Page - Analog Devices HMC1197LP7FE Datasheet HTML 52Page - Analog Devices HMC1197LP7FE Datasheet HTML 53Page - Analog Devices HMC1197LP7FE Datasheet HTML 54Page - Analog Devices HMC1197LP7FE Datasheet HTML 55Page - Analog Devices HMC1197LP7FE Datasheet HTML 56Page - Analog Devices HMC1197LP7FE Datasheet HTML 57Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
53
-70
-60
-50
-40
-30
-20
-10
0
0
1000
2000
3000
4000
3rd Harmonic Suppression
2nd Harmonic Suppression
Empirical Band Selection
FREQUENCY (MHz)
Figure 46.Sideband suppression vs. frequency for different filter band selections.
The filter bank selection process for optimal sideband rejection performance also depends on the LO
power level at the output of the PLL/VCO. LO power in this example set to maximum power level.
3.4
carrier Feedthrough calibration
Carrier feedthrough is related to the DC offsets at the differential baseband inputs of the modulator. If
exactly the same DC common-mode voltage is applied to each of the baseband inputs, and there were
no DC offsets at the differential baseband inputs, the LO leakage at the RF output would be perfectly
suppressed.
By adding small DC offset voltages at the differential baseband inputs, the carrier feedthrough can be
optimized for a specific frequency band and LO power level. The carrier feedthrough can not be calibrated
by the DC common-mode level at the I and Q baseband inputs. DC offsets at the differential I and Q
baseband inputs should be iteratively adjusted until a minimum carrier feedthrough level is obtained.
Externally available offset voltage step resolution and the modulator’s noise floor limit the minimum
achievable calibrated carrier feedthrough level. The typical offset voltages for optimization are less than
15mV. Figure 47 illustrates the typical calibrated carrier feedthrough performance of the HMC1197LP7FE. In
this characterization of the HMC1197LP7FE, carrier feedthrough was calibrated with 500MHz LO frequency
steps at 25C and external offset voltage settings were held constant during tests over temperature.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com