Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 35 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 35 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 31Page - Analog Devices HMC1197LP7FE Datasheet HTML 32Page - Analog Devices HMC1197LP7FE Datasheet HTML 33Page - Analog Devices HMC1197LP7FE Datasheet HTML 34Page - Analog Devices HMC1197LP7FE Datasheet HTML 35Page - Analog Devices HMC1197LP7FE Datasheet HTML 36Page - Analog Devices HMC1197LP7FE Datasheet HTML 37Page - Analog Devices HMC1197LP7FE Datasheet HTML 38Page - Analog Devices HMC1197LP7FE Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
35
Figure 41. Serial Port Timing Diagram - WRITE
1.8.2
Serial Port read operation
A typical READ cycle is shown in Figure 42.
In general, the LD_SDO line is always active during the WRITE cycle. During any SPI cycle LD_SDO will
contain the data from the current address written in Reg 00h[4:0]. If Reg 00h[4:0] is not changed then the
same data will always be present on LD_SDO when an Open Mode cycle is in progress. If it is desired to
READ from a specific address, it is necessary in the first SPI cycle to write the desired address to Reg
00h[4:0], then in the next SPI cycle the desired data will be available on LD_SDO.
An example of the two cycle procedure to read from any address follows:
a. The Master (host), on the first 24 falling edges of SCLK places 24-bit data, d23:d0, MSB first, on SDI
as shown in Figure 42. d23:d5 should be set to zero. d4:d0 = address of the register to be READ on
the next cycle.
b. the slave (HMC1197LP7FE) shifts in data on SDI on the first 24 rising edges of SCK
c. Master places 5-bit register address , r4:r0, (the READ ADDRESS register), MSB first, on the next 5
falling edges of SCK (25-29). r4:r0=00000.
d. Slave shifts the register bits on the next 5 rising edges of SCK (25-29).
e. Master places 3-bit chip address, a2:a0, MSB first, on the next 3 falling edges of SCK (30-32). Chip
address is always ‘000’b.
f. Slave shifts the chip address bits on the next 3 rising edges of SCK (30-32).
g. Master asserts SEN after the 32nd rising edge of SCK.
h. Slave registers the SDI data on the rising edge of SEN.
i. Master clears SEN to complete the the address transfer of the two part READ cycle.
j. If one does not wish to write data to the chip during the second cycle , then it is recommended to
simply rewrite the same contents on SDI to Register zero on the READ back part of the cycle.
k. Master places the same SDI data as the previous cycle on the next 32 falling edges of SCK.
l. Slave (HMC1197LP7FE) shifts the SDI data on the next 32 rising edges of SCK. On these same
edges, the slave places the desired read data (ie. data from the address specified in Reg 00h[4:0] of
the first cycle) on LD_SDO which automatically switches to SDO mode from LD mode, disabling the
LD output.
m. Master asserts SEN after the 32nd rising edge of SCK to complete the cycle and revert back to Lock
Detect on LD_SDO.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com