Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 44 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 44 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 40Page - Analog Devices HMC1197LP7FE Datasheet HTML 41Page - Analog Devices HMC1197LP7FE Datasheet HTML 42Page - Analog Devices HMC1197LP7FE Datasheet HTML 43Page - Analog Devices HMC1197LP7FE Datasheet HTML 44Page - Analog Devices HMC1197LP7FE Datasheet HTML 45Page - Analog Devices HMC1197LP7FE Datasheet HTML 46Page - Analog Devices HMC1197LP7FE Datasheet HTML 47Page - Analog Devices HMC1197LP7FE Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
44
2.15
reg 0Fh GPo register
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[4:0]
R/W
GPO
5
1
Select signal to be output to SDO pin when enabled
DEFAULT LOCK DETECT
0: Data from Reg0F[5]
1: Lock Detect Output
2. Lock Detect Trigger
3: Lock Detect Window Output
4: Ring Osc Test
5. Pullup Hard from CSP
6. PullDN hard from CSP
7. Reserved
8: Reference Buffer Output
9: Ref Divider Output
10: VCO divider Output
11. Modulator Clock from VCO divider
12. Auxiliary Clock
13. Aux SPI Clock
14. Aux SPI Enable
15. Aux SPI Data Out
16. PD DN
17. PD UP
18. SD3 Clock Delay
19. SD3 Core Clock
20. AutoStrobe Integer Write
21. Autostrobe Frac Write
22. Autostrobe Aux SPI
23. SPI Latch Enable
24. VCO Divider Sync Reset
25. Seed Load Strobe
26.-29 Not Used
30. SPI Output Buffer En
31. Soft RSTB
[5]
R/W
GPO Test Data
1
0
1 - GPO Test Data when GPO_Select = 0
[6]
R/W
Prevent Automux SDO
1
0
1- Outputs GPO data only
0- Automuxes between SDO and GPO data
[7]
R/W
Reserved
1
0
Reserved
[8]
R/W
Disable PFET
1
0
Program to 1 if external pull-ups are used on the SDO line
(Prevents conflicts on the SPI bus)
[9]
R/W
Disable NFET
1
0
Program to 1 if external pull-downs are used on the SDO line
(Prevents conflicts on the SPI bus)
[23:10]
R/W
Reserved
14
0
Reserved
2.16
reg 10h tuning register deFault 80 h
BIT
TYPE
NAME
Width
Default
DESCRIPTION
[7:0]
R
VCO Tune Curve
8
16d
10h
VCO selection resulting from AutoCalibration.
0- maximum frequency
‘1111 1111’b- minimum frequency
[8]
R
VCO Tuning Busy
1
0
Indicates if the VCO tuning is in process
1- Busy
0- Not Busy
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com