Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1197LP7FE Datasheet(PDF) 41 Page - Analog Devices

Part # HMC1197LP7FE
Description  Fixed Wireless or WLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1197LP7FE Datasheet(HTML) 41 Page - Analog Devices

Back Button HMC1197LP7FE Datasheet HTML 37Page - Analog Devices HMC1197LP7FE Datasheet HTML 38Page - Analog Devices HMC1197LP7FE Datasheet HTML 39Page - Analog Devices HMC1197LP7FE Datasheet HTML 40Page - Analog Devices HMC1197LP7FE Datasheet HTML 41Page - Analog Devices HMC1197LP7FE Datasheet HTML 42Page - Analog Devices HMC1197LP7FE Datasheet HTML 43Page - Analog Devices HMC1197LP7FE Datasheet HTML 44Page - Analog Devices HMC1197LP7FE Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
For price, delivery, and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1197LP7FE
v03.0314
Wideband direct Quadrature Modulator
w/ Fractional-n Pll & Vco, 100 - 4000 MHz
41
2.11
reg 09h charge Pump register deFault 547264 h
Bit
Type
Name
Width
Default
Description
[6:0]
R/W
CP DN Gain
7
100d
64h
Charge Pump DN Gain Control 20 µA√step
Affects fractional phase noise and lock detect settings
0d = 0 µA
1d = 20 µA
2d = 40 µA
...
127d = 2.54mA
Default 2mA
[13:7]
R/W
CP UP Gain
7
100d
64h
Charge Pump UP Gain Control 20 µA per step
Affects fractional phase noise and lock detect settings
0d = 0 µA
1d = 20 µA
2d = 40 µA
...
127d = 2.54mA
Default 2mA
[20:14]
R/W
Offset Magnitude
7
81d
Charge Pump Offset Control 5 µA/step
Affects fractional phase noise and lock detect settings
0d = 0 µA
1d = 5 µA
2d = 10 µA
...
127d = 635 µA
Default 405µA
[21]
R/W
Offset UP enable
1
0
Sets Direction of Reg 09h[20:14] Up, 0- UP Offset Off
[22]
R/W
Offset DN enable
1
1
Sets Direction of Reg 09h[20:14] Down, 0- DN Offset Off
[23]
R/W
HiK charge pump Mode
1
0
Only recommended with external VCOs and Active Loop
Filters. When enabled the HMC1197LP7FE increases CP
current by 3 mA, thereby improving phase noise perfor-
mance, and increasing loop bandwidth
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com