Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 13 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 13 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 9Page - SMSC Corporation IRCC Datasheet HTML 10Page - SMSC Corporation IRCC Datasheet HTML 11Page - SMSC Corporation IRCC Datasheet HTML 12Page - SMSC Corporation IRCC Datasheet HTML 13Page - SMSC Corporation IRCC Datasheet HTML 14Page - SMSC Corporation IRCC Datasheet HTML 15Page - SMSC Corporation IRCC Datasheet HTML 16Page - SMSC Corporation IRCC Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
13
Receiver Bit Cell Synchronization
The
Consumer
IR
Receiver
demodulates
incoming ASK waveforms into NRZ data for the
SCE.
The IrCC uses the edges of the
demodulated incoming infrared data to indicate
changes in bit state.
For continuous periods of high or low data
without transitions, the IrCC samples the signal
level in the center of each incoming bit period.
Using the Receiver Bit Cell Synchronization
mechanism, any transition resets the timer that is
used in the sampling process to eliminate errors
due to timing differences between the receive
decoder and the incoming bit period (Figure 6).
Receiver synchronization can be disabled to
allow direct sampling of the demodulated
incoming infrared data stream at some preset
receive bit rate. This is useful in situations where
the speed of the receive data is not strictly
known. In such cases, the receive bit rate is set
as high as possible, the
Receiver Bit Cell
Synchronization is disabled, and the system
software is used to measure the bit-cell period
from the oversampled data.
The learned
parameters can then be used to switch to the
synchronized, fixed bit-cell mode to reduce
processing overhead in the host CPU for all
future transactions.
11
00
0
0
11
1
Sync
Sync
11
00
0
1
11
1
IR Rx Data
IR Rx Data
NRZ Rx Data
(SYNC)
NRZ Rx Data
(No SYNC)
1
23
4
5
6
7
8
9
10
Clock
1
23
45
678
9
10
11
Clock
0
FIGURE 6 - TV REMOTE RECEIVER: SYNC VS. NO SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com