Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 1 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 1 Page - SMSC Corporation

  IRCC Datasheet HTML 1Page - SMSC Corporation IRCC Datasheet HTML 2Page - SMSC Corporation IRCC Datasheet HTML 3Page - SMSC Corporation IRCC Datasheet HTML 4Page - SMSC Corporation IRCC Datasheet HTML 5Page - SMSC Corporation IRCC Datasheet HTML 6Page - SMSC Corporation IRCC Datasheet HTML 7Page - SMSC Corporation IRCC Datasheet HTML 8Page - SMSC Corporation IRCC Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 79 page
background image
IrCC
Infrared Communications Controller
FEATURES
•
Multi-Protocol Serial Communications
Controller
•
Full IrDA v1.1 Implementation: 2.4Kbps,
115.2Kbps, .576Mbps, 1.152Mbps and
4Mbps
•
Consumer Infrared (TV Remote Control)
Interface
•
SHARP Amplitude Shift Keyed Infrared
(ASK IR) Interface
•
Direct Rx/Tx Infrared Diode Control (Raw)
and General Purpose Data Pins
•
Programmable High-Speed Synchronous
Communications Engine (SCE) with a 128-
Byte FIFO and Programmable Threshold
•
High-Speed NS16C550A-Compatible
Universal Asynchronous Receiver/
Transmitter Interface (ACE UART2) with 16-
Byte Send and Receive FIFOs
•
ISA Single-Byte and Burst-Mode DMA and
Interrupt-Driven Programmed I/O with Zero
Wait State and String Move Timing
•
16-bit CRC-CCITT and 32-bit IEEE 802
CRC32 Hardware CRC Generators
GENERAL DESCRIPTION
This
document
describes
the
Infrared
Communications Controller (IrCC) function which
is common to a number of SMSC products
including the FDC37C669FR, FDC37C93xFR,
and FDC37C957FR devices. The IrCC consists
of two main architectural blocks:
the ACE
16550A
UART
and
a
Synchronous
Communications Engine (SCE) (Figure 2). Each
block is supported by its own unique register set.
The IrCC UART-driven IrDA SIR and SHARP
ASK modes are backward-compatible with early
SMSC Super I/O and Ultra I/O infrared
implementations. The IrCC SCE supports IrDA
v1.1
.576Mbps,
1.152Mbps,
4Mbps,
and
Consumer IR modes. All of the SCE modes use
DMA. The IrCC offers flexible signal routing and
programmable output control through the Raw
mode interface, General Purpose Data pins and
Output Multiplexer. Chip-level address decoding
is required to access the IrCC register sets.


Similar Part No. - IRCC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
IRCC2.0 SMSC-IRCC2.0 Datasheet
510Kb / 87P
Infrared Communications Controller
More results

Similar Description - IRCC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044 Datasheet
220Kb / 49P
SDLC COMMUNICATIONS CONTROLLER
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
UNIVERSAL COMMUNICATIONS CONTROLLER
logo
SMSC Corporation
CAM35C44 SMSC-CAM35C44 Datasheet
206Kb / 50P
Infrared Communications Controller Chip CameraFR
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
Serial Communications Controller
logo
SMSC Corporation
CIRCC SMSC-CIRCC Datasheet
310Kb / 70P
Consumer Infrared Communications Controller
IRCC2.0 SMSC-IRCC2.0 Datasheet
510Kb / 87P
Infrared Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044_10 Datasheet
597Kb / 65P
SDLC Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com