Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 68 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 68 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 64Page - SMSC Corporation IRCC Datasheet HTML 65Page - SMSC Corporation IRCC Datasheet HTML 66Page - SMSC Corporation IRCC Datasheet HTML 67Page - SMSC Corporation IRCC Datasheet HTML 68Page - SMSC Corporation IRCC Datasheet HTML 69Page - SMSC Corporation IRCC Datasheet HTML 70Page - SMSC Corporation IRCC Datasheet HTML 71Page - SMSC Corporation IRCC Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 79 page
background image
68
Burst (Demand) Mode
DMA Burst mode is enabled by setting the DMA
Burst bit in SCE Configuration Register B.
Demand Mode DMA transfers up to 32 data
bytes for each DRQ (Figure 37).
The IrCC
guarantees that DRQ relinquishes the ISA bus
after thirty-two DMA I/O read or write cycles to
allow for memory refresh.
32 I/Ox Clock DMA Refresh Counter
The 32 I/Ox Clock DMA Refresh Counter is used
to prevent DRQ from staying active for more than
32 I/O read/write cycles at a time.
The counter is stopped and preloaded whenever
DRQ is not active. Once DRQ becomes active,
the counter decrements until zero-count or DRQ
is deactived.
In Demand Mode, the count-zero condition
always clears DRQ and triggers a Refresh
Interval. The Refresh Interval remains active for
350ns following an inactive nDACK (Figure 38).
If there is more data to transfer, DRQ goes active
again and the cycle repeats.
Single Byte Mode DMA does not use the 32 I/Ox
Clock Refresh Counter.
DM A En a b l e
DR Q
I/O x
n DAC K
DM A Bu r s t
AE N
TC
FIGURE 37 - DMA BURST MODE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com