Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 76 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 76 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 71Page - SMSC Corporation IRCC Datasheet HTML 72Page - SMSC Corporation IRCC Datasheet HTML 73Page - SMSC Corporation IRCC Datasheet HTML 74Page - SMSC Corporation IRCC Datasheet HTML 75Page - SMSC Corporation IRCC Datasheet HTML 76Page - SMSC Corporation IRCC Datasheet HTML 77Page - SMSC Corporation IRCC Datasheet HTML 78Page - SMSC Corporation IRCC Datasheet HTML 79Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
76
OUTPUT MULTIPLEXER
The Output Multiplexer routes the active
encoder/decoder to one of three IrCC serial
communications ports. There are no restrictions
on any of these connections other than Rx/Tx
source pairs go to the same destination (Figure
49). Descriptions of the Block Control, Output
Mux. and Aux IR signals can be found in the
SCE Configuration Registers in Register Block
One.
There are Rx and Tx Polarity controls that
determine the active states for the IR port
signals, see SCE Configuration Register A. The
state of inactive IR outputs depends upon the Tx
Polarity bit; e.g., if Tx Polarity is zero (default),
inactive outputs will be one.
Routing for the
COM Port flow-control signals is fixed. When the
COM Port is inactive, the flow-control signals
behave according to the current SMSC 16550A
serial port specification. The Tx/Rx Polarity bits
do not apply when COM mode is selected.
There is a provision for added transmit current
capacity by selectively duplicating the transmit
output of the IR Port or the COM Port at the AUX
Port.
This can be used, for example, to
accommodate the high-power optics found in
Consumer IR TV remote controls.
There are GP Data pins that always reflects the
state of General Purpose Data & Fast bits (5-6)
of Line Control Register A, in Register Block
Zero, Address Four. The state of the G.P. Data
pins is independent of the IrCC Block Controls or
the Output Multiplexer.
IRRx
IRTx
ARx
ATx
CRx
CTx
nDSR
nRTS
nDTR
nCTS
nDCD
nRI
1 to 3
Demux.
3 to 1
Mux.
1 to 6
Demux.
6 to 1
Mux.
2 to 1
Mux.
Raw Rx
Raw Tx
TV Rx
TV Tx
ASK Rx
ASK Tx
IrDA SIR Rx
IrDA SIR Tx
COM Rx
COM Tx
Output
Mux.
2
4
Block
Control
Aux.
IR
1
IR
Port
AUX
Port
COM
Port
1
Tx
Polarity
1
Rx
Polarity
G.P. Data
GP Data G.P.
Port
IrDA FIR Rx
IrDA FIR Tx
Fast
Fast
FIGURE 49 - OUTPUT MULTIPLEXER BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com