Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 21 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 21 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 17Page - SMSC Corporation IRCC Datasheet HTML 18Page - SMSC Corporation IRCC Datasheet HTML 19Page - SMSC Corporation IRCC Datasheet HTML 20Page - SMSC Corporation IRCC Datasheet HTML 21Page - SMSC Corporation IRCC Datasheet HTML 22Page - SMSC Corporation IRCC Datasheet HTML 23Page - SMSC Corporation IRCC Datasheet HTML 24Page - SMSC Corporation IRCC Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
21
HDLC BOF Counting
The IrCC can account for system-dependent
limitations such as long interrupt latencies and
transceiver stabilization times by increasing the
number of STA flags at the beginning of every
HDLC frame (Figure 14).
The BOF COUNT register contains the number
additional start flags that are to be appended to
the standard BOF characters.
NOTE: the BOF COUNT extensions only apply
to messages that start from an idle line state; i.e.,
BOF counting does not apply to brick walled
messages.
HDLC Back-to-Back Frame Transmission
HDLC back-to-back, or brick walled frames are
allowed with two or more flags, '7E'hex, in
between.
If two consecutive frames are not
back-to-back, the gap between the last STO flag
of the first frame and the first STA field of the
second frame are separated by at least seven bit
times (abort sequence).
The IrDA FIR 1.152Mbps and .576Mbps physical
layer specification allows back-to-back message
packets with three flag characters which act as
the closing flag of the first frame and the opening
flags of the brick walled packet. Additional flags
can be added by programming the Brick Wall
Count register (Figure 15).
NOTE: The BOF COUNT extensions do not
apply to brick walled messages.
ADDR
8-bit Address
Field
STA
'01111110'
binary
DATA
8-bit Control field plus up to 2K - 3 bytes
Information Field
STA
'01111110'
binary
BOF COUNT register
Appends 0 - 4095 Flags to
Beginning of Frame
FIGURE 14 - EXTENDED BEGINNING-OF-FRAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com