Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 63 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 63 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 59Page - SMSC Corporation IRCC Datasheet HTML 60Page - SMSC Corporation IRCC Datasheet HTML 61Page - SMSC Corporation IRCC Datasheet HTML 62Page - SMSC Corporation IRCC Datasheet HTML 63Page - SMSC Corporation IRCC Datasheet HTML 64Page - SMSC Corporation IRCC Datasheet HTML 65Page - SMSC Corporation IRCC Datasheet HTML 66Page - SMSC Corporation IRCC Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 79 page
background image
63
The SCE TV Remote receiver will abort on a
FIFO Overrun condition.
When the overrun
occurs the receiver is disabled, an EOM Interrupt
is sent, and the FIFO is flushed.
IRDA MULTI-FRAME WINDOW SUPPORT
The Tx Data Size register can be used with DMA
blocks that are larger than the size of an IrDA
message frame to support Multi-Frame Windows,
i.e. multiple unacknowledged message frames.
MFWs with a single DMA block can occur in both
Brick Walled and non-Brick Walled modes.
Non-Brickwalled MFWs
To
support
non-Brick
Walled
multi-frame
windows set the SCE Modes bits to zero and
setup the DMA controller with a block-size larger
than a single frame but smaller-than or equal-to
the Tx Data Size
× 8. Choose the appropriate
encoder, start the transmitter, and wait for an
EOM interrupt.
Repeat this procedure by
reseting and then re-enabling the transmitter
DMA block-size
÷ Tx Data Size times, until the
DMA block has been transferred.
Reset the
FIFO Threshold for the last frame, if necessary.
Brickwalled MFWs
To support Brick Walled Multi-Frame Windows
set the SCE Modes bits to zero and setup the
DMA controller with a block-size larger than a
single frame but smaller-than or equal-to the Tx
Data Size
× 8. Choose the appropriate encoder,
initialize the Brick Wall Count, and set the Brick
Wall bit. Start the transmitter and wait for DMA
block-size
÷ Tx Data Size EOF interrupts or poll
the message count bits; i.e., until the DMA block
has been transferred.
LOOPBACK MODE
Loopback mode allows diagnostic testing of the
IrDA FIR and Consumer IR encoders. Loopback
tests require that the SCE FIFO be used for both
transmit and receive modes, simultaneously.
The Data Size registers are used to constrain the
Loopback test. Brick Walled messages are not
supported in Loopback mode.
FIFO Full
EOM Interrupt
Rx Enable
Active Fram e
Active Fram e Int.
Zero Detect
Overrun
FIGURE 33 - TV REMOTE RX ABORT ON OVERRUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com