Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 22 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 22 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 18Page - SMSC Corporation IRCC Datasheet HTML 19Page - SMSC Corporation IRCC Datasheet HTML 20Page - SMSC Corporation IRCC Datasheet HTML 21Page - SMSC Corporation IRCC Datasheet HTML 22Page - SMSC Corporation IRCC Datasheet HTML 23Page - SMSC Corporation IRCC Datasheet HTML 24Page - SMSC Corporation IRCC Datasheet HTML 25Page - SMSC Corporation IRCC Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
22
4PPM BOF Counting
The IrCC can account for system-dependent
limitations such as long interrupt latencies and
transceiver stabilization times by increasing the
number of PA flags at the beginning of every
4PPM frame (Figure 16).
The BOF COUNT register contains the number
of additional PA bytes that are to be appended to
the standard 4PPM BOF characters.
NOTE: the BOF COUNT extensions only apply
to messages that start from an idle line state; i.e.,
BOF counting does not apply to brick walled
messages.
ADDR
8-bit Address
Field
STO
'01111110'
binary
FCS
CCITT 16-bit
CRC
DATA
8-bit Control field plus up to 2K - 3 bytes
Information Field
Brick Walled Frame
Previous
Frame
STA
'01111110'
binary
BW COUNT register
Inserts 0 - 4095 Flags between
Brick Walled Frames
STA
'01111110'
binary
FIGURE 15 - BRICK WALLED HDLC FRAMES
ADDR
8-bit Address
Field
DATA
8-bit Control field plus up to 2K - 3 bytes
Information Field
BOF COUNT register
Appends 0 - 4095 PA Bytes
to Beginning of Frame
...
PA (#16)
PA (#1)
STA
8-bit Start
Field
FIGURE 16 - 4PPM EXTENDED BOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com