Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 19 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 19 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 15Page - SMSC Corporation IRCC Datasheet HTML 16Page - SMSC Corporation IRCC Datasheet HTML 17Page - SMSC Corporation IRCC Datasheet HTML 18Page - SMSC Corporation IRCC Datasheet HTML 19Page - SMSC Corporation IRCC Datasheet HTML 20Page - SMSC Corporation IRCC Datasheet HTML 21Page - SMSC Corporation IRCC Datasheet HTML 22Page - SMSC Corporation IRCC Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 79 page
background image
19
INFRARED DATA ASSOCIATION
Description
The Infrared Data Association (IrDA) was created
to develop an interoperable, low-cost, low-power,
half-duplex serial data interconnection standard
that supports a walk-up, point-to-point user
model that is adaptable to a wide range of
appliances and devices.
The IrDA Serial Infrared Data Link Standard,
Version 1.1 is the standard to which the SMSC
IrCC conforms. Relevant IrDA documents in this
specification include the SIR-Physical Layer
Specification, Version 1.1, October 17, 1995, the
SIR-Link Access Protocol (IrLAP), Version 1.0,
June 23, 1994, and the Link Management
Protocol (IrLMP), Version 1.1, January 23, 1996.
The high-speed extensions (FIR) to the IrDA
physical layer as described in the SIR-Physical
Layer
Specification
appear
as
alternate
modulation and demodulation paths for data from
IrLAP bound for the IR medium and are
transparent to IrLAP as it is defined for SIR.
IR hardware and software must comply as a
system
with
the
entire
family
of
IrDA
specifications, including the SIR/FIR-Physical
Layer Specifications, IrLAP, and IrLMP.
A block diagram of one end of an IrDA link that
includes
the
SIR
and
FIR
physical
implementations is shown in Figure 11.
SIR Interaction Pulse
The SIR Interaction Pulse (SIP) is intended to
guarantee non-disruptive coexistence with SIR-
only systems which might otherwise interfere with
Fast IR links.
A SIP is defined as a 1.6 microsecond
transmitter
on
pulse
followed
by
7.1
microseconds of off time (Figure 12). Once a
Fast connection has been established the station
must generate one SIP every 500ms.
1.152Mb/s
4Mb/s
SIR Encoder
SCE
IR
Transceiver
Module
IR Out
IR In
FIR Encoders
UART
SIP
FIGURE 11 - IRCC IRDA BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com