Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 35 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 35 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 31Page - SMSC Corporation IRCC Datasheet HTML 32Page - SMSC Corporation IRCC Datasheet HTML 33Page - SMSC Corporation IRCC Datasheet HTML 34Page - SMSC Corporation IRCC Datasheet HTML 35Page - SMSC Corporation IRCC Datasheet HTML 36Page - SMSC Corporation IRCC Datasheet HTML 37Page - SMSC Corporation IRCC Datasheet HTML 38Page - SMSC Corporation IRCC Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
35
No Wait, bit 3
When the No Wait bit is one, the ISA Bus
nSRDY signal goes active following the trailing
edge of the ISA I/O command and inactive
following the rising edge (see Zero Wait State
Support).
String Move, Bit 2
When the String Move bit is one, the
programmed I/O host interface is qualified by
IOCHRDY (Table 23). See IOCHRDY Time-Out.
DMA Burst Mode, bit 1
When the DMA Burst Mode bit is one, DMA
Burst (Demand) mode is enabled.
When the
DMA Burst Mode bit is zero, Single Byte DMA
mode is enabled (Table 23).
DMA Enable, bit 0
DMA Enable is connected to a signal in the
Interface Description called DMAEN that is used
by the chip-level interface to tristate the IrCC
DMA controls when the DMA interface is
inactive. When the DMA Enable bit is one, the
DMA host interface is active (Table 23). When
the DMA Enable bit is zero (default), the nDACK
and TC inputs are disabled and DRQ output is
gated off.
Table 23 - I/O Interface Modes
STRING
MOVE
DMA
BURST
DMA
ENABLE
FUNCTION
0
X
0
Programmed I/O, no IOCHRDY
1
X
0
Programmed I/O, uses IOCHRDY
X
0
1
Single Byte DMA Mode
X
1
1
Demand Mode DMA
FIFO Threshold Register (Address 2)
The FIFO Threshold Register contains the
programmable FIFO threshold count. The FIFO
Threshold is programmable from 0 to 127. Bit 7
in the FIFO Threshold register is read-only and
will always return zero. FIFO Threshold values
typically reflect the overall I/O performance
characteristics of the host; the lower the value,
the longer the interval between service requests
and the faster the host must be to successfully
service them. The same threshold value can be
used for both I/O read and I/O write cases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com