Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 56 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 56 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 52Page - SMSC Corporation IRCC Datasheet HTML 53Page - SMSC Corporation IRCC Datasheet HTML 54Page - SMSC Corporation IRCC Datasheet HTML 55Page - SMSC Corporation IRCC Datasheet HTML 56Page - SMSC Corporation IRCC Datasheet HTML 57Page - SMSC Corporation IRCC Datasheet HTML 58Page - SMSC Corporation IRCC Datasheet HTML 59Page - SMSC Corporation IRCC Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
56
Consumer IR Mode
Transmit
nActiveFrame goes active as soon as the
Consumer IR transmitter starts modulating the
SCE data stream.
nActiveFrame becomes
inactive as soon as the transmit register is
empty.
Receive
nActiveFrame goes active as soon as the
Consumer IR receiver detects the first active bit-
time of infrared energy. nActiveFrame becomes
inactive whenever the Consumer IR receiver is
manually disabled, a DMA Terminal Count has
occurred, or following a FIFO Overrun.
IRDA ENCODER
Description
The IrDA FIR Encoder supports the synchronous
bit-oriented HDLC protocol at .576Mbps and
1.152Mbps, and 4PPM Encoding at 4Mbps
including all message framing, bit stuffing, and
CRC generation (Figure 21).
The IrDA FIR
Encoder exchanges only payload data with the
host and supports Multi-Frame Windows for brick
walled messages as well as BOF and BW
framing extensions. The IrDA FIR Encoder also
includes an SIR Interaction Pulse generator in
hardware.
SCE
4PPM
Encoder
HDLC
Encoder
Tx
Rx
Framing
4PPM
Decoder
HDLC
Decoder
Control & Status
SIP
Generator
FIGURE 21 - IrDA FIR ENCODER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com