Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 38 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 38 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 34Page - SMSC Corporation IRCC Datasheet HTML 35Page - SMSC Corporation IRCC Datasheet HTML 36Page - SMSC Corporation IRCC Datasheet HTML 37Page - SMSC Corporation IRCC Datasheet HTML 38Page - SMSC Corporation IRCC Datasheet HTML 39Page - SMSC Corporation IRCC Datasheet HTML 40Page - SMSC Corporation IRCC Datasheet HTML 41Page - SMSC Corporation IRCC Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 79 page
background image
38
REGISTER BLOCK FOUR
Register Block Four contains the IrDA control
registers.
These registers control the IrDA
message framing parameters, HDLC clock
speed, and hardware CRC selection.
The
registers are read/write.
Table 26 - SCE Register Block Four
Address
Direction
Description
Default
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
R/W
IrDA Control Register
'C0'hex
1.152
selec
t
crc
selec
t
bof count
(high nibble)
0
0
1
R/W
bof count (low byte)
'00'hex
0
1
0
R/W
brick wall count (low byte)
'00'hex
0
1
1
R/W
brick wall count (high nibble)
tx data size (high nibble)
'00'hex
1
0
0
R/W
tx data size (low byte)
'00'hex
1
0
1
R/W
rx data size (high nibble)
'00'hex
1
1
0
R/W
rx data size (low byte)
'00'hex
IrDA
Control
Register/BOF
Count
High
(Address 0)
1.152 Select, bit 7
When the 1.152 Select bit is one, the IrDA
1.152Mbps HDLC-type FIR data rate is selected.
Otherwise the .576Mbps rate is chosen. This bit
only applies to the SCE clock when the Block
Control bits select Mode 2, IrDA HDLC.
CRC Select, bit 6
When the CRC Select bit is one, a hardware-
generated CRC is appended to the frame
payload
data
during
IrDA
FIR
message
transactions (Table 22).
BOF Count High, bits 0 - 3
The BOF Count specifies the number of
additional flags that are used in a BOF
sequence. For example, at 1.152Mbps, insert
the BOF Count number of additional flag
characters ('7E'hex) at the start of every frame,
excluding brick walled frames.
At 4Mbps insert
the BOF Count number of additional PA bytes at
the start of every frame, excluding brick walled
frames. The BOF Count is a 12-bit value. This
register, BOF Count High, is the BOF Count
upper nibble.
BOF Count Low (Address 1)
The BOF Count Low register is the lower byte of
the BOF Count.
Brick Wall Count Low (Address 2)
The Brick Wall Count register specifies the
number of additional interframe padding flags
used for brick walled messages. The Brick Wall
Count is a 12-bit value. The Brick Wall Count
Low register is the Brick Wall Count lower byte.
BW Count High/Tx Data Size High
(Address 3)
Brick Wall Count High, bits 4 - 7
The BW Count High register is the upper nibble
of the Brick Wall Count.
Tx Data Size High, bits 0 - 3
The Tx Data Size register specifies the IrLAP-
negotiated maximum number of payload data
bytes per IrDA transmit message frame if
software CRC is selected, or the IrLAP-
negotiated maximum number of payload data
bytes minus the number of CRC bytes if
hardware CRC is selected. This register is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com