Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 24 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 24 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 20Page - SMSC Corporation IRCC Datasheet HTML 21Page - SMSC Corporation IRCC Datasheet HTML 22Page - SMSC Corporation IRCC Datasheet HTML 23Page - SMSC Corporation IRCC Datasheet HTML 24Page - SMSC Corporation IRCC Datasheet HTML 25Page - SMSC Corporation IRCC Datasheet HTML 26Page - SMSC Corporation IRCC Datasheet HTML 27Page - SMSC Corporation IRCC Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
24
REGISTERS
The IrCC is partially enabled through binary
controls found in two 8-byte register banks. The
banks, the ACE550 UART Controls and the SCE
Controls, are selected with the nACE and nSCE
register-bank selector inputs found in the
Interface Description.
If nACE is zero, the three least significant bits of
the Host Address Bus decode the 16550A UART
control registers.
If nSCE is zero, the SCE
control bank is addressed.
All of the IrCC
registers are 8 bits wide.
ACE UART CONTROLS
The table below (Table 12) lists the ACE UART
Control Registers (see the ACE UART section).
Table 12 - 16550A UART Addressing
DLAB
A2
A1
A0
DIRECTION
REGISTER NAME
0
0
0
0
Read
Receive Buffer
0
0
0
0
Write
Transmit Buffer
0
0
0
1
Read/Write
Interrupt Enable
X
0
1
0
Read
Interrupt Identification
X
0
1
0
Write
FIFO Control
X
0
1
1
Read/Write
Line Control
X
1
0
0
Read/Write
Modem Control
X
1
0
1
Read/Write
Line Status
X
1
1
0
Read/Write
Modem Status
X
1
1
1
Read/Write
Scratchpad
1
0
0
0
Read/Write
Divisor (LSB)
1
0
0
1
Read/Write
Divisor (MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com