Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 9 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 9 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 5Page - SMSC Corporation IRCC Datasheet HTML 6Page - SMSC Corporation IRCC Datasheet HTML 7Page - SMSC Corporation IRCC Datasheet HTML 8Page - SMSC Corporation IRCC Datasheet HTML 9Page - SMSC Corporation IRCC Datasheet HTML 10Page - SMSC Corporation IRCC Datasheet HTML 11Page - SMSC Corporation IRCC Datasheet HTML 12Page - SMSC Corporation IRCC Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
9
CONSUMER IR (TV REMOTE)
INTRODUCTION
The IrCC Consumer IR (TV Remote) block is a
general-purpose programmable Amplitude Shift
Keyed serial communications interface that
includes
a
Carrier
Frequency
Divider,
a
Programmable Receive Carrier Range Sensitivity
Register, and Receive and Transmit Modulators
(Figure 4).
The Consumer IR block transfers data between
the SCE and Output Multiplexer without framing
as a fixed bit-cell serial NRZ data stream. The
components of this block can also modulate and
demodulate serial data at programmable bit rates
and carrier frequencies.
Variable length encoding and all packet framing
is handled by system software. Consequently,
many encoding methods, modulation frequencies
and bit rates can be supported, including 38KHz
PPM, PWM and RC-5 TV Remote formats.
Register controls for this block can be found in
Register Block Two. They are the Consumer IR
Control Register, the Consumer IR Carrier Rate
Register, and the Consumer IR Bit Rate
Register.
SCE
Transmit Bit-Rate
Divider
Carrier Frequency
Divider
Clock
Programmable
Receive Carrier
Sense
Receive Bit-Rate
Divider
TV Tx
Tx Enable
Range
Sync
Rx Enable
Encoder/Decoder
Carrier Off
TV Rx
FIGURE 4 - IRCC CONSUMER IR (TV REMOTE) BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com