Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 26 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 26 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 22Page - SMSC Corporation IRCC Datasheet HTML 23Page - SMSC Corporation IRCC Datasheet HTML 24Page - SMSC Corporation IRCC Datasheet HTML 25Page - SMSC Corporation IRCC Datasheet HTML 26Page - SMSC Corporation IRCC Datasheet HTML 27Page - SMSC Corporation IRCC Datasheet HTML 28Page - SMSC Corporation IRCC Datasheet HTML 29Page - SMSC Corporation IRCC Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
26
MASTER BLOCK CONTROL REGISTER
The Master Block Control Register contains the
IrCC Power Down bit, two reset bits, the Master
Interrupt Enable bit, and the Register Block
Select lines (Table 14).
Address seven is solely reserved for the Master
Block Control register. If the nSCE input is zero,
the MBC is always visible, regardless of the state
of the Register Block Select lines.
Table 14 - SCE Master Block Control Register
Address
Direction
Description
Default
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
1
1
R/W
Master Block Control Register
'00'hex
power
down
master
reset
master
int en.
error
reset
register block
select
Register Block Select, bits 0-2
The Register Block Select bits enable access to
each of the eight possible register blocks. To
access a register block other than the default (0),
write a 3-bit register block number to the least
significant bits of the Master Block Control
Register.
All subsequent reads and writes to
addresses 0 through 6 will access the registers in
the new block. To return to register block 0,
rewrite zeros to the register block select bits.
Error Reset, bit 4
Writing a one to the Error Reset bit will return all
of the SCE Line Status Register bits (Register
Block Zero) to their inactive states and reset the
Message Count bits to zero.
Master Interrupt Enable, bit 5
Setting the Master Interrupt Enable to a one
enables all of the SCE interrupts only if their
individual controls are enabled. Setting this bit to
a zero disables all SCE interrupts regardless of
the state of their individual enables.
Master Reset, bit 6
Setting the Master Reset bit to a one forces data
in the SCE registers and SCE logical blocks into
the Power-On-Reset state. The Master Reset bit
is reset to zero following the reset operation.
NOTE: The Legacy bits (Register Block One,
Address Zero, Bits D0-D6) are unaffected by
Master Reset.
Power Down, bit 7
Setting this bit to a one causes only the SCE to
enter the low-power state. Power down mode
does not preclude access to the Master Block
Control register so that this mode can be
maintained entirely under software control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com