Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 39 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 39 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 35Page - SMSC Corporation IRCC Datasheet HTML 36Page - SMSC Corporation IRCC Datasheet HTML 37Page - SMSC Corporation IRCC Datasheet HTML 38Page - SMSC Corporation IRCC Datasheet HTML 39Page - SMSC Corporation IRCC Datasheet HTML 40Page - SMSC Corporation IRCC Datasheet HTML 41Page - SMSC Corporation IRCC Datasheet HTML 42Page - SMSC Corporation IRCC Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
39
to 1) constrain the transmitter to a valid IrDA
frame size, 2) simplify multi-frame windowing for
transmit data blocks that are larger than the
maximum packet size and, 3) constrain the SCE
transmitter during loopback testing. NOTE: only
the Tx Data Size register is used for IrDA FIR
loopback testing; only the Rx Data Size register
is required for Consumer IR loopback tests. If
the Tx Data Size register is zero, the IrDA
transmit message size is unlimited; i.e., the
transmitter will operate until the FIFO is empty.
The Tx Data Size High register is the Tx Data
Size high nibble.
Tx Data Size Low (Address 4)
The Tx Data Size Low register is the Tx Data
Size low byte.
Rx Data Size High (Address 5)
Rx Data Size High, bits 0 - 3
The Rx Data Size register specifies the IrLAP-
negotiated maximum number of payload data
bytes per IrDA receive message frame.
This
register is used to check each IrDA FIR receive
frame for valid data size and to constrain the
SCE receiver during Consumer IR loopback
testing. NOTE: only the Rx Data Size register is
required for Consumer IR loopback tests; only
the Tx Data Size register is required for IrDA FIR
loopback tests.
For Consumer IR loopback
tests, program the Rx Data Size register with
Test_byte_count_1. If the Rx Data Size register
is zero the IrDA receive message size is
unlimited; i.e., a size error cannot occur because
frame size checking is disabled. The Rx Data
Size High register is the Rx Data Size high
nibble.
Rx Data Size Low (Address 6)
The Rx Data Size Low register is the RxData
Size low byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com