Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 27 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 27 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 23Page - SMSC Corporation IRCC Datasheet HTML 24Page - SMSC Corporation IRCC Datasheet HTML 25Page - SMSC Corporation IRCC Datasheet HTML 26Page - SMSC Corporation IRCC Datasheet HTML 27Page - SMSC Corporation IRCC Datasheet HTML 28Page - SMSC Corporation IRCC Datasheet HTML 29Page - SMSC Corporation IRCC Datasheet HTML 30Page - SMSC Corporation IRCC Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 79 page
background image
27
REGISTER BLOCK ZERO
Register Block Zero contains the SCE Data
Register, the Interrupt Control/Status registers,
the Line Control/Status registers, and the Bus
Status register (Table 15).
Typically, the controls in Register Block Zero are
used during IrDA FIR and Consumer IR
message transactions.
Table 15 - Register Block Zero
Address
Directio
Description
Default
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
R/W
Data Register
0
0
1
RO
Interrupt Identification Register
'00'hex
active
frame
eom
raw
mode
fifo
0
1
0
R/W
Interrupt Enable Register
'00'hex
active
frame
eom
raw
mode
fifo
0
1
1
RO
Line Status Register (read)
'00'hex
under-
run
over
-
run
frame
error
size
error
crc
error
frame
abort
0
1
1
WO
Line Status Address Register (write)
status register
address
1
0
0
R/W
Line Control Register A
'00'hex
fifo
reset
fast
g. p.
data
raw
tx
raw
rx
abort
data
done
1
0
1
R/W
Line Control Register B
'00'hex
sce modes
bits
sip
enable
brick
wall
message
count
1
1
0
RO
Bus Status Register
'00'hex
not
empty
fifo
full
time-
out
Data Register (Address 0)
The Data Register is the FIFO access port.
Typically, the user will only write to the FIFO
when transmitting and read from the FIFO when
receiving. The Host always has read access to
the FIFO regardless of the state of the SCE
Modes bits or the Loopback bit.
Host read
access to the FIFO is blocked when the FIFO is
empty. The Host has write access to the FIFO
only when the Loopback bit is inactive and the
SCE Modes bits are zero or Transmit mode is
enabled.
Host write access to the FIFO is
blocked when the FIFO is full.
Interrupt Identification Register (Address 1)
Active Frame, bit 7
When this bit is one, an Active Frame has
occurred (see the Active Frame Indicator
section). The Active Frame typically indicates
that the SCE receiver has detected a valid
incoming IrDA FIR or TV Remote start-of-frame
sequence.
Reading the Interrupt Identification
register resets the Active Frame bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com