Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 33 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 33 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 29Page - SMSC Corporation IRCC Datasheet HTML 30Page - SMSC Corporation IRCC Datasheet HTML 31Page - SMSC Corporation IRCC Datasheet HTML 32Page - SMSC Corporation IRCC Datasheet HTML 33Page - SMSC Corporation IRCC Datasheet HTML 34Page - SMSC Corporation IRCC Datasheet HTML 35Page - SMSC Corporation IRCC Datasheet HTML 36Page - SMSC Corporation IRCC Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
33
Table 19 - IrCC Logical Block Controls
D6
D5
D4
D3
MODE
DESCRIPTION
0
0
0
0
COM
16550 UART COM Port (default)
0
0
0
1
IrDA SIR - A
Up to 115.2Kbps, Variable 3/16 Pulse
0
0
1
0
ASK IR
Amplitude Shift Keyed Ir Interface
0
0
1
1
IrDA SIR - B
Up to 115.2Kbps, Fixed 1.6us Pulse
0
1
0
0
IrDA HDLC
Includes.576Mbps & 1.152Mbps
0
1
0
1
IrDA4PPM
Includes 4Mbps
0
1
1
0
CONSUMER
TV Remote
0
1
1
1
RAW IR
Direct IR Diode Control
1
X
X
X
OTHER
Reserved
Half Duplex, bit 2
When Half Duplex is zero (default), the 16550A
is in full duplex mode. The Half Duplex bit only
supports the 16550A UART; i.e., this bit has no
effect on the IrCC SCE. The Half Duplex bit is
analogous to the chip-level configuration register
Half Duplex bit and has the same affect on the
UART. Provisions must be made in legacy
devices to accommodate Half Duplex selection
through
either
the
chip-level
configuration
registers or the IrCC Half Duplex bit; i.e., the last
write from either source determines the current
mode selection and is visible in both registers.
Tx/Rx Polarity Bits, 0 - 1
The Tx and Rx Polarity bits define the active
states for signals entering and exiting the Output
Multiplexer ports. IrCC Active states are typically
decoded as zero. The Tx Polarity bit default is
one; the Rx Polarity bit default is zero.
For backward compatibility, the Tx and Rx
Polarity bits do not apply to COM mode; i.e.,
when the Block Control bits are zero.
The
relationship between the Output Multiplexer port
signals and the Polarity bits is an exclusive-or
(Table 20). For example, if the IRRx pin in the
Output Multiplexer is one and the Rx Polarity bit
is zero, the signal is inactive and therefore
decoded as a one. The IrCC Tx Polarity bit (bit
1) is equivalent to the Transmit Polarity bit in the
chip-level configuration space of earlier devices;
e.g., the FDC37C93X IR Option Register, Serial
Port 2, Logical Device 5, Register 0xF1. The Rx
Polarity bit (bit 0) is equivalent to the Receive
Polarity bit in the same register. Provisions have
been made in legacy devices to accommodate
Polarity bit selection through either the chip-level
configuration registers or the SCE registers; i.e.,
the last write from either source determines the
current Polarity bit value and is visible in both
registers.
Table 20 - Tx/Rx Polarity Bit Effects
SIGNAL
POLARITY BIT
DECODED SIGNAL
0
0
0
0
1
1
1
0
1
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com