Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 34 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 34 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 30Page - SMSC Corporation IRCC Datasheet HTML 31Page - SMSC Corporation IRCC Datasheet HTML 32Page - SMSC Corporation IRCC Datasheet HTML 33Page - SMSC Corporation IRCC Datasheet HTML 34Page - SMSC Corporation IRCC Datasheet HTML 35Page - SMSC Corporation IRCC Datasheet HTML 36Page - SMSC Corporation IRCC Datasheet HTML 37Page - SMSC Corporation IRCC Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
34
SCE Configuration Register B (Address 1)
Output Mux, bits 7 - 6
The Output Mux bits select the Output
Multiplexer port for the active encoder/decoder
(Table 21). Inactive outputs depend on the state
of the Tx Polarity bit when the Output Mux bits
are both high, otherwise inactive outputs are
always low. The Output Mux bits are equivalent
to the 93X IR Option Register bits 6-7. The IR
Location Mux, bit 6, in the 93X IR Option
Register is equivalent to Output Mux bit, D6; Bit
7 (Reserved) in the 93X IR Option Register is
equivalent to Output Mux bit, D7.
Provisions
have
been
made
in
legacy
devices
to
accommodate Output Multiplexer port selection
through
either
the
chip-level
configuration
registers or the Output Mux bits; i.e., the last
write from either source determines the current
port selection and is visible in both registers.
Table 21 - IrCC Output Multiplexer
D7
D6
MUX. MODE
0
0
Active Device to COM Port (default)
0
1
Active Device to IR Port
1
0
Active Device to AUX Port
1
1
Outputs Inactive
Loopback, bit 5
The Loopback bit configures the FIFO and
enables the transmitter/receiver for loopback
testing. The SCE MODES bits must be set to
zero before activating the Loopback bit. When
the Loopback bit is one, the SCE enters a full-
duplex mode with internal loopback capability for
testing. The CRC generator can be selectively
reconfigured for either transmit or receive. The
128-byte FIFO input is connected to the SCE
receiver output, the FIFO output is connected to
the SCE transmit input. For IrDA FIR loopback
tests the Loopback bit must be set to zero to exit
loopback mode. Consumer IR loopback tests
reset the Loopback bit automatically when the Rx
Data Size register reaches zero.
Provisions
must be made following loopback tests in all
modes to verify the Rx message data in the
FIFO.
Loopback Transmit CRC, bit 4
When the Loopback Transmit CRC bit is set to
one, the CRC generator is used by the
transmitter during loopback testing regardless of
the state of the CRC Select bit. Otherwise, the
CRC generator is connected to the receiver
(Table 22).
Table 22 - Hardware CRC Programming
LOOPBACK
BIT
CRC
SELECT
LOOPBACK TX
CRC BIT
HARDWARE DESCRIPTION
0
0
X
No CRC Generation, No CRC Checking
0
1
X
CRC Generation., CRC Checking
1
0
0
No CRC Generation, No CRC Checking
1
0
1
CRC Generation, No CRC Checking
1
1
0
CRC Checking, No CRC Generation
1
1
1
CRC Generation, No CRC Checking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com