Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 73 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 73 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 69Page - SMSC Corporation IRCC Datasheet HTML 70Page - SMSC Corporation IRCC Datasheet HTML 71Page - SMSC Corporation IRCC Datasheet HTML 72Page - SMSC Corporation IRCC Datasheet HTML 73Page - SMSC Corporation IRCC Datasheet HTML 74Page - SMSC Corporation IRCC Datasheet HTML 75Page - SMSC Corporation IRCC Datasheet HTML 76Page - SMSC Corporation IRCC Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
73
Receive
Description
Receiving messages with Programmed I/O using
FIFO Interrupt requires reading a fixed number of
data bytes, usually related to the threshold,
whenever the FIFO Interrupt becomes active.
An appropriate FIFO Threshold value allows the
host to efficiently satisfy the FIFO service
requests
until
the
message
reception
is
complete.
Example: Receive a 256-byte IrDA Message
1.
Set an appropriate FIFO Threshold for the
system type.
2.
Set the FIFO Interrupt Enable active and
enable the receiver.
3.
Service the FIFO Interrupts as required
(Figure 45).
Note: the amount of data
remaining in the FIFO following the last
service request (RxServReq) in Figure 45 is
probably less than the typical read block
size. This will occur when an IrDA EOF has
been detected, the FIFO Receive Threshold
has not been reached and the FIFO Not
Empty flag is true.
IOCHRDY Time-out
Description
In programmed I/O mode when AEN = low and
String Move = active, IOCHRDY can be used to
slightly extend the access cycle if the FIFO is
temporarily unable to fulfill the transfer request
(Figure 46). If IOCHRDY remains inactive for
more than 10us, a time-out error occurs and
subsequent IOCHRDY cycles are prevented until
the string move bit is specifically reactivated.
Because of the 10us IOCHRDY time-out, it is
recommended that string move timing only be
used for 1.152Mbps transfers and above.
DM A Enable
IOR
String M ove
Rx Enable
RxServReq
FIFO Int. Enable
FIFO Interrupt
EOM Interrupt
FIGURE 45 - INTERRUPT DRIVEN PROGRAMMED I/O RECEIVE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com