Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 31 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 31 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 27Page - SMSC Corporation IRCC Datasheet HTML 28Page - SMSC Corporation IRCC Datasheet HTML 29Page - SMSC Corporation IRCC Datasheet HTML 30Page - SMSC Corporation IRCC Datasheet HTML 31Page - SMSC Corporation IRCC Datasheet HTML 32Page - SMSC Corporation IRCC Datasheet HTML 33Page - SMSC Corporation IRCC Datasheet HTML 34Page - SMSC Corporation IRCC Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
31
Table 17 - Message Flow Control
BRICK
WALL
ENABLE
DATA
DONE
BIT
FIFO
EMPTY
STATE
AFTER
EOF
DESCRIPTION
1
1
0
BOF
Brick Wall Next Message
1
1
1
Idle
Multi-Frame Window Complete, Reset Data Done bit
1
0
0
BOF
Brick Wall Next Message
1
0
1
BOF
Brick Wall Next Message (possible underrun)
0
1
0
Idle
Re-enable Transmitter for Next Message
0
1
1
Idle
Single Message Complete, Reset Data Done bit
0
0
0
Idle
Single Message Complete, Datasize Counter = 0
0
0
1
Idle
Single Message Complete, Datasize Counter = 0
Message Count, bits 0 - 3
The four Message Count bits control hardware
access to the Line Status Registers and are
unaffected by the Status Register Address bits.
The Message Count bits also indicate the system
message-state.
For example, if the Message
Count bits are zero, i.e. the power-up default,
Line Status Register zero is active, although
undefined because no messages have been sent
or received.
The Message Count bits are
incremented after every active frame. At point A
in Figure 18, for example, the rising edge of
nActive Frame increments Message Count by
one indicating that the first message has been
received; i.e., Line Status Register #1 (status
register address 0) is valid, and Line Status
Register
#2
is
currently
active,
although
undefined.
Hardware prevents the Message
Count
register
from
exceeding
eight
('1000'Binary). NOTE: IrDA messages beyond
eight frames are ignored.
nActive Frame
Message Count (0000)
0001
A
0010
0011
FIGURE 18 - MESSAGE COUNT EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com