Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 11 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 11 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 7Page - SMSC Corporation IRCC Datasheet HTML 8Page - SMSC Corporation IRCC Datasheet HTML 9Page - SMSC Corporation IRCC Datasheet HTML 10Page - SMSC Corporation IRCC Datasheet HTML 11Page - SMSC Corporation IRCC Datasheet HTML 12Page - SMSC Corporation IRCC Datasheet HTML 13Page - SMSC Corporation IRCC Datasheet HTML 14Page - SMSC Corporation IRCC Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
11
Bit Rate Divider
The Transmit and Receive Bit Rate Divider
register is used to extract a serial NRZ data
stream for the IrCC SCE. The divider is eight bits
wide.
The input clock to the Bit Rate Divider is 100KHz
(Carrier Frequency Divider input clock
÷ 16).
The
relationship
between
the
Bit
Rate
Divider (BRD) and the Bit Rate (Fb) is as follows:
BRD = (.1MHz/Fb) - 1
For example, program the Bit Rate Divider with
55 ('37'Hex) for a .562ms TV Remote bit cell: Fb
= 1.786KHz. This is ~.5% accuracy. Table 10
contains representative BRD vs. Bit Rate
relationships. The Bit Rate range is 100KHz to
390.625Hz.
Table 10 - Representative Bit Rates
BRD
Fb (KHz)
BRD
Fb (KHz)
BRD
Fb (KHz)
BRD
Fb (KHz)
003
25.000
067
1.471
131
0.758
195
0.510
007
12.500
071
1.389
135
0.735
199
0.500
011
8.333
075
1.316
139
0.714
203
0.490
015
6.250
079
1.250
143
0.694
207
0.481
019
5.000
083
1.190
147
0.676
211
0.472
023
4.167
087
1.136
151
0.658
215
0.463
027
3.571
091
1.087
155
0.641
219
0.455
031
3.125
095
1.042
159
0.625
223
0.446
035
2.778
099
1.000
163
0.610
227
0.439
039
2.500
103
0.962
167
0.595
231
0.431
043
2.273
107
0.926
171
0.581
235
0.424
047
2.083
111
0.893
175
0.568
239
0.417
051
1.923
115
0.862
179
0.556
243
0.410
055
1.786
119
0.833
183
0.543
247
0.403
059
1.667
123
0.806
187
0.532
251
0.397
063
1.563
127
0.781
191
0.521
255
0.391



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com