Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 40 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 40 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 36Page - SMSC Corporation IRCC Datasheet HTML 37Page - SMSC Corporation IRCC Datasheet HTML 38Page - SMSC Corporation IRCC Datasheet HTML 39Page - SMSC Corporation IRCC Datasheet HTML 40Page - SMSC Corporation IRCC Datasheet HTML 41Page - SMSC Corporation IRCC Datasheet HTML 42Page - SMSC Corporation IRCC Datasheet HTML 43Page - SMSC Corporation IRCC Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
40
ACE UART
The SMSC IrCC incorporates one full function
UART compatible with the NS16450, the 16450
ACE registers and the NS16550A. The UART
performs serial-to-parallel conversion on received
characters and parallel-to-serial conversion on
transmit characters.
The data rates are
independently programmable from 115.2K baud
down to 50 baud.
The character options are
programmable for 1 start; 1, 1.5 or 2 stop bits;
even, odd, sticky or no parity; and prioritized
interrupts. The UART contains a programmable
baud rate generator that is capable of dividing the
input clock or crystal by a number from 1 to 65535.
The UART is also capable of supporting the MIDI
data rate. Refer to the Configuration Register
section
of
the
SMSC
FDC37C669FR,
FDC37C93XFR, or FDC37C957FR data sheet for
information on disabling, power down and
changing the base address of the UART. The
interrupt
from
the
UART
is
enabled
by
programming OUT2 of the UART to a logic "1".
OUT2 being a logic "0" disables the UART's
interrupt.
REGISTER DESCRIPTION
Addressing of the accessible registers of the Serial
Port is shown below. The base addresses of the
serial ports are defined by the configuration
registers. The Serial Port registers are located at
sequentially increasing addresses above these
base addresses. The SMSC IrCC UART register
set is described below.
Table 27 - Addressing The Serial Port
DLAB*
A2
A1
A0
REGISTER NAME
0
0
0
0
Receive Buffer (read)
0
0
0
0
Transmit Buffer (write)
0
0
0
1
Interrupt Enable (read/write)
X
0
1
0
Interrupt Identification (read)
X
0
1
0
FIFO Control (write)
X
0
1
1
Line Control (read/write)
X
1
0
0
Modem Control (read/write)
X
1
0
1
Line Status (read/write)
X
1
1
0
Modem Status (read/write)
X
1
1
1
Scratchpad (read/write)
1
0
0
0
Divisor LSB (read/write)
1
0
0
1
Divisor MSB (read/write
*NOTE: DLAB is Bit 7 of the Line Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com