Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 25 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 25 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 21Page - SMSC Corporation IRCC Datasheet HTML 22Page - SMSC Corporation IRCC Datasheet HTML 23Page - SMSC Corporation IRCC Datasheet HTML 24Page - SMSC Corporation IRCC Datasheet HTML 25Page - SMSC Corporation IRCC Datasheet HTML 26Page - SMSC Corporation IRCC Datasheet HTML 27Page - SMSC Corporation IRCC Datasheet HTML 28Page - SMSC Corporation IRCC Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 79 page
background image
25
SCE CONTROLS
The IrCC SCE Registers are arranged in 7-byte
blocks. Of the eight possible register blocks, five
are used in this implementation.
The Master Block Control Register controls
access to the register blocks.
Table 13 lists all of the SCE registers in all
blocks.
Table 13 - SCE Register Addressing
BLOCK
ADDRESS
DIRECTION
REGISTER NAME
X
7
R/W
Master Control
0
0
R/W
Data Register
0
1
RO
Interrupt Identification
0
2
R/W
Interrupt Enable
0
3
RO
Line Status (read)
0
3
WO
Line Status Address (write)
0
4
R/W
Line Control A
0
5
R/W
Line Control B
0
6
R/W
Bus Status
1
0
R/W
SCE Configuration A
1
1
R/W
SCE Configuration B
1
2
R/W
FIFO Threshold
2
0
R/W
Consumer IR Control
2
1
R/W
Consumer IR Carrier Rate
2
2
R/W
Consumer IR Bit Rate
3
0
RO
SMSC ID (high)
3
1
RO
SMSC ID (low)
3
2
RO
CHIP ID
3
3
RO
VERSION Number
3
4
RO
IRQ Level
DMA Channel
4
0
R/W
IrDA Control
BOF Count (high)
4
1
R/W
BOF Count (low)
4
2
R/W
Brick Wall Count (low)
4
3
R/W
BW Count (high)
Tx Data Size (high)
4
4
R/W
Tx Data Size (low)
4
5
R/W
Rx Data Size (high)
4
6
R/W
Rx Data Size (low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com