Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 29 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 29 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 25Page - SMSC Corporation IRCC Datasheet HTML 26Page - SMSC Corporation IRCC Datasheet HTML 27Page - SMSC Corporation IRCC Datasheet HTML 28Page - SMSC Corporation IRCC Datasheet HTML 29Page - SMSC Corporation IRCC Datasheet HTML 30Page - SMSC Corporation IRCC Datasheet HTML 31Page - SMSC Corporation IRCC Datasheet HTML 32Page - SMSC Corporation IRCC Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
29
CRC Error, bit 3
The CRC Error bit is set to one following Frame-
Check-Sequence errors in IrDA FIR receive
message frames.
Frame Abort, bit 2
The Frame Abort bit is set to one following; 1) a
forced abort, i.e. after setting the Abort bit to one
in Line Control Register A; 2) an IrDA FIR FIFO
underrun with the Data Done bit inactive during
transmit; 3) an IrDA FIR FIFO Overrun during
receive; 4) framing errors in IrDA FIR payload
data during receive. NOTE: The Frame Abort bit
will not go active during transmit if the Tx Data
Size register decrements to zero when the last
byte is read from the FIFO with the Data Done bit
not set.
Status Register Address, bits 0 - 2 (write-
only)
Three Status Register Address bits control
software access to, and reside at the same
address as, the Line Status Registers.
The
Status Register Address bits are write-only and
occupy bits D0 to D2. To access any one of the
eight Line Status Registers, first write the
address of the appropriate register (0 - 7), then
read the register's contents.
Line Control Register A (Address 4)
FIFO Reset, bit 7
When set to one, the FIFO Reset bit clears the
FIFO Full and Not Empty flags in the 128-byte
SCE FIFO. The FIFO Reset bit is automatically
set to zero following the re-initialization.
Fast, bit 6
The Fast bit controls the state of an uncommitted
IrCC output, Fast. The bit is read/write.
General Purpose Data, bit 5
The General Purpose Data bit controls the state
of an uncommitted IrCC output, GP Data. The
bit is read/write.
Raw Tx, bit 4
The Raw Tx bit controls the state of the infrared
emitter in Raw IR mode. The bit is read/write.
Raw Rx, bit 3
The Raw Rx bit represents the state of the
infrared detector in Raw IR mode. The bit is
read-only.
Abort, bit 2
The Abort bit is used to terminate transmit
messages in progress; i.e., once the transmitter
has been enabled and the line is active. When
the Abort bit is one, the current transmit
message is terminated, the EOM flag is activated
and the SCE FIFO is cleared. The Abort bit is
reset to zero by the End-Of-Frame.
Abort is
used for IrDA FIR transmit mode, only.
Data Done, bit 1
When set to one, the Data Done bit is used
during transmit to distinguish an end-of-valid-
message-data condition from a FIFO Underrun
that
indicates
incomplete
message
data.
Terminal Count automatically activates the Data
Done bit during DMA operations. Note: the Data
Done bit is not activated by TC during receive
operations. Data Done is automatically reset to
zero following the end of a message only if the
FIFO is empty.
Line Control Register B (Address 5)
SCE Modes, bits 6 - 7
The SCE Modes bits enable the SCE transmitter
and receiver (Table 16). These bits are R/W and
must be manually reset by the host following
IrDA message transactions. The SCE Modes
bits are automatically reset by the hardware
following Consumer IR messages. NOTE: the
SCE Modes bits must be zero for loopback tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com