Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCC Datasheet(PDF) 43 Page - SMSC Corporation

Part # IRCC
Description  INFRARED COMMUNICATIONS CONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

IRCC Datasheet(HTML) 43 Page - SMSC Corporation

Back Button IRCC Datasheet HTML 39Page - SMSC Corporation IRCC Datasheet HTML 40Page - SMSC Corporation IRCC Datasheet HTML 41Page - SMSC Corporation IRCC Datasheet HTML 42Page - SMSC Corporation IRCC Datasheet HTML 43Page - SMSC Corporation IRCC Datasheet HTML 44Page - SMSC Corporation IRCC Datasheet HTML 45Page - SMSC Corporation IRCC Datasheet HTML 46Page - SMSC Corporation IRCC Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
43
Table 28 - Interrupt Control Table
FIFO
MODE
ONLY
INTERRUPT
IDENTIFICATION
REGISTER
INTERRUPT SET AND RESET FUNCTIONS
BIT 3
BIT 2
BIT 1
BIT 0
PRIORITY
LEVEL
INTERRUPT
TYPE
INTERRUPT
SOURCE
INTERRUPT
RESET
CONTROL
0
0
0
1
-
None
None
-
0
1
1
0
Highest
Receiver Line
Status
Overrun Error,
Parity Error,
Framing Error
or Break
Interrupt
Reading the
Line Status
Register
0
1
0
0
Second
Received Data
Available
Receiver Data
Available
Read
Receiver
Buffer or the
FIFO drops
below the
trigger level.
1
1
0
0
Second
Character
Timeout
Indication
No Characters
Have Been
Removed From
or Input to the
RCVR FIFO
during the last 4
Char times and
there is at least
1 char in it
during this time
Reading the
Receiver
Buffer
Register
0
0
1
0
Third
Transmitter
Holding Register
Empty
Transmitter
Holding
Register Empty
Reading the
IIR Register (if
Source of
Interrupt) or
Writing the
Transmitter
Holding
Register
0
0
0
0
Fourth
MODEM Status
Clear to Send or
Data Set Ready
or Ring
Indicator or
Data Carrier
Detect
Reading the
MODEM
Status
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com